Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 337 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 337 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 333Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 334Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 335Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 336Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 337Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 338Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 339Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 340Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 337
PIC18(L)F2X/4XK22
21.0 FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference, or FVR, is a stable
voltage reference, independent of VDD, with 1.024V,
2.048V or 4.096V selectable output levels. The output
of the FVR can be configured to supply a reference
voltage to the following:
• ADC input channel
• ADC positive reference
• Comparator positive input
• Digital-to-Analog Converter (DAC)
The FVR can be enabled by setting the FVREN bit of
the VREFCON0 register.
21.1
Independent Gain Amplifiers
The output of the FVR supplied to the ADC,
Comparators and DAC is routed through an
independent
programmable gain
amplifier.
The
amplifier can be configured to amplify the 1.024V
reference voltage by 1x, 2x or 4x, to produce the three
possible voltage levels.
The FVRS<1:0> bits of the VREFCON0 register are
used to enable and configure the gain amplifier settings
for the reference supplied to the DAC and Comparator
modules. When the ADC module is configured to use
the FVR output, (FVR BUF2) the reference is buffered
through an additional unity gain amplifier. This buffer is
disabled if the ADC is not configured to use the FVR.
For specific use of the FVR, refer to the specific module
sections: Section 17.0 “Analog-to-Digital Converter
(ADC) Module”, Section 22.0 “Digital-to-Analog
Converter (DAC) Module” and Section 18.0 “Com-
parator Module”.
21.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled, it
requires time for the reference and amplifier circuits to
stabilize. Once the circuits stabilize and are ready for use,
the FVRST bit of the VREFCON0 register will be set. See
Section 27.0 “Electrical Characteristics” for the
minimum delay requirement.
FIGURE 21-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
FVRS<1:0>
X
1
X
1
X
2
X
4
2
FVR BUF2
(To ADC Module)
FVR BUF1
(To Comparators, DAC)
+
_
FVREN
FVRST
1.024V Fixed
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com