Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32632B1682 Datasheet(PDF) 4 Page - EPCOS

Part # B32632B1682
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B1682 Datasheet(HTML) 4 Page - EPCOS

  B32632B1682 Datasheet HTML 1Page - EPCOS B32632B1682 Datasheet HTML 2Page - EPCOS B32632B1682 Datasheet HTML 3Page - EPCOS B32632B1682 Datasheet HTML 4Page - EPCOS B32632B1682 Datasheet HTML 5Page - EPCOS B32632B1682 Datasheet HTML 6Page - EPCOS B32632B1682 Datasheet HTML 7Page - EPCOS B32632B1682 Datasheet HTML 8Page - EPCOS B32632B1682 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Overview of available types
Lead configurations
Series
Standard
Reduced
Straight
Double crimped
B32632
15 mm
7.5 / 10 / 12.5 mm
15 mm
15 mm
B32633
22.5 mm
15 / 17.5 / 20 mm
22.5 mm
22.5 mm
B32634
27.5 mm
25 mm
27.5 mm
27.5 mm
Lead spacing 15.0 mm
22.5 mm
Type
B32632
B32633
VR (V DC)
630
1250
1600
2000
3000
630
1250
1600
2000
2500
3000
VRMS (V AC)
300
450
450
500
750
300
450
450
500
750
750
CR (nF)
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
B32632 ... B32634
Very high pulse (wound)
Page 4 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com