Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32632B2152 Datasheet(PDF) 8 Page - EPCOS

Part # B32632B2152
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B2152 Datasheet(HTML) 8 Page - EPCOS

Back Button B32632B2152 Datasheet HTML 4Page - EPCOS B32632B2152 Datasheet HTML 5Page - EPCOS B32632B2152 Datasheet HTML 6Page - EPCOS B32632B2152 Datasheet HTML 7Page - EPCOS B32632B2152 Datasheet HTML 8Page - EPCOS B32632B2152 Datasheet HTML 9Page - EPCOS B32632B2152 Datasheet HTML 10Page - EPCOS B32632B2152 Datasheet HTML 11Page - EPCOS B32632B2152 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped crimped (lead length 6
1 mm)
008 = Untaped straight (lead length 17
±3 mm)
020 = Double crimped (lead length 6
1 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
15 mm
17.5 mm
20 mm
25 mm
Packaging code
055
060
070
080
630 300
22
6.5
× 12.0 × 27.0 B32633B6223+*** 2200
3000
4000
33
7.0
× 14.0 × 27.0 B32633B6333+*** 2000
2800
2000
47
7.5
× 14.5 × 27.0 B32633B6473+*** 1800
2400
2000
68
9.0
× 16.0 × 27.0 B32633B6683+*** 1400
2000
2000
100
10.5
× 18.5 × 27.0 B32633B6104+*** 1200
1600
1000
1250 450
10
7.0
× 14.0 × 27.0 B32633B7103+*** 2000
2800
2000
15
8.0
× 15.5 × 27.0 B32633B7153+*** 1800
2400
2000
22
9.5
× 16.5 × 27.0 B32633B7223+*** 1400
2000
2000
33
11.5
× 19.0 × 27.0 B32633B7333+*** 1200
1600
1000
47
13.5
× 20.5 × 27.0 B32633B7473+*** 1000
1400
1000
1600 450
3.3
6.5
× 12.5 × 27.0 B32633B1332+*** 2000
2800
4000
4.7
6.5
× 12.5 × 27.0 B32633B1472+*** 2000
2800
4000
6.8
7.0
× 14.5 × 27.0 B32633B1682+*** 2000
2400
2000
10
8.0
× 15.5 × 27.0 B32633B1103+*** 1800
2600
2000
15
9.5
× 17.0 × 27.0 B32633B1153+*** 1400
2000
1000
22
11.5
× 19.0 × 27.0 B32633B1223+*** 1200
1600
1000
33
14.5
× 22.0 × 27.0 B32633B1333+*** 1000
1200
1000
2000 500
2.2
6.5
× 13.0 × 27.0 B32633B2222+*** 2000
2800
4000
3.3
6.5
× 13.0 × 27.0 B32633B2332+*** 2000
2800
4000
4.7
7.0
× 14.5 × 27.0 B32633B2472+*** 2000
2800
2000
6.8
8.5
× 16.0 × 27.0 B32633B2682+*** 1600
2200
2000
10
10.0
× 17.0 × 27.0 B32633B2103+*** 1400
1800
1000
15
12.0
× 19.5 × 27.0 B32633B2153+*** 1000
1400
1000
22
14.5
× 22.0 × 27.0 B32633B2223+***
800
1200
1000
B32633
Very high pulse (wound)
Page 8 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com