Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRG4PC50SDPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PC50SDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50SDPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4PC50SDPBF Datasheet HTML 1Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 2Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRG4PC50SDPbF
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
VCES=600V
VCE(on) typ. = 1.28V
@VGE = 15V, IC = 41A
Standard Speed CoPack IGBT
Features
• Standard: Optimized for minimum saturation voltage
and low operating frequencies (<1kHz)
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use
in bridge configurations
• Industry standard TO-247AC package
Benefits
• Generation -4 IGBT's offer highest efficiencies
available
• IGBT's optimized for specific application conditions
• HEXFRED diodes optimized for performance with
IGBT's . Minimized recovery characteristics require
less/no snubbing
PD - 97316
E
G
n-channel
C
GC
E
Gate
Collector
Emitter
G
C
E
TO-247AC
C
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
70
IC @ TC = 100°C
Continuous Collector Current
41
ICM
Pulsed Collector Current
c
140
ILM
Clamped Inductive Load Current
d
140
A
IF @ TC = 100°C
Diode Continous Forward Current
25
IFM
Diode Maximum Forward Current
e
280
VGE
Continuous Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
200
W
PD @ TC = 100°C
Maximum Power Dissipation
78
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT)
–––
–––
0.64
RθJC (Diode)
Thermal Resistance Junction-to-Case-(each Diode)
–––
–––
0.83
°C/W
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
40
1
www.irf.com
04/16/08


Similar Part No. - IRG4PC50SDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50S IRF-IRG4PC50S Datasheet
164Kb / 8P
INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A)
IRG4PC50S IRF-IRG4PC50S Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4PC50S-P IRF-IRG4PC50S-P Datasheet
151Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
983Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC50SDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com