Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRMCK311TY Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCK311TY
Description  Dual Channel Sensorless Motor Control IC for Appliances
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK311TY Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCK311TY Datasheet HTML 9Page - International Rectifier IRMCK311TY Datasheet HTML 10Page - International Rectifier IRMCK311TY Datasheet HTML 11Page - International Rectifier IRMCK311TY Datasheet HTML 12Page - International Rectifier IRMCK311TY Datasheet HTML 13Page - International Rectifier IRMCK311TY Datasheet HTML 14Page - International Rectifier IRMCK311TY Datasheet HTML 15Page - International Rectifier IRMCK311TY Datasheet HTML 16Page - International Rectifier IRMCK311TY Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
IRMCK311
www.irf.com
© 2007 International Rectifier
13
5 Application Connections
Typical application connection is shown in Figure 5. All components necessary to implement a
complete sensorless drive control algorithm are shown connected to IRMCK311.
P1.2/TXD
P1.1/RXD
P1.3/SYNC/SCK
XTAL0
CPWMUH
CPWMUL
CPWMVH
CPWMVL
CPWMWH
CPWMWL
CGATEKILL
AIN1
To indoor unit
Microcontroller (UART)
Digital I/O
Control
System
Clock
4 MHz
Crystal
Compressor
DC bus shunt
resistor
P2.6/AOPWM0
Analog Output
XTAL1
P1.4/CAP
P3.0/INT2/CS1
RESET
SCL/SO-SI/VPP
P5.3/TDI
JTAG
Control
TCK
P5.1/TMS
P5.2/TDO
0.6V
IFBC+
IFBC-
IFBCO
Other analog input (0-1.2V)
AVDD(1.8V)
AVSS
VDD1
VDD2
VSS
CMEXT
FPWMUH
FPWMVH
FPWMWH
FGATEKILL
PFCGKILL
PFCPWM
FAN motor
DC bus shunt
resistor
0.6V
IFBF+
IFBF-
IFBFO
0.6V
IPFC+
IPFC-
IPFCO
PFC
DC bus shunt
resistor
VAC+
VAC-
VACO
AC line
voltage
Optional External Voltage
Reference (0.6V)
P2.7/AOPWM1
PLLVDD(1.8V)
PLLVSS
SCL/SO-SI
SDA/CS0
Other communication
(I2C)
PLL
Logic
UART0
I2C
PORT1
PORT3
RESET
PWM0
PWM1
JTAG
Interface
Low Loss
Space
Vector
PWM
Low Loss
Space
Vector
PWM
PFC
PWM
S/H
S/H
S/H
8051
CPU
Dual
Port
Memory
(512B)
&
MCE
Memory
(5.5KB)
Motion
Control
Modules
Motion
Control
Sequencer
12bit
A/D
&
MUX
System
clock
Local
RAM
(2KB)
Program
OTP ROM
(64KB)
System
Reset
Watchdog
Timer
Timer
UART1
P3.7/TXD1
P3.6/RXD1
To other Host (UART)
DC bus
voltage
AREF
AIN0
FPWMUL
FPWMVL
FPWMWL
Clock
divider
System
Clock
6.75V
3.3V
1.8V
Power
Figure 5.
Application Connection of IRMCK311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com