Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRMCK341TY Datasheet(PDF) 34 Page - International Rectifier

Part # IRMCK341TY
Description  Sensorless Motor Control IC for Appliances
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK341TY Datasheet(HTML) 34 Page - International Rectifier

Back Button IRMCK341TY Datasheet HTML 28Page - International Rectifier IRMCK341TY Datasheet HTML 29Page - International Rectifier IRMCK341TY Datasheet HTML 30Page - International Rectifier IRMCK341TY Datasheet HTML 31Page - International Rectifier IRMCK341TY Datasheet HTML 32Page - International Rectifier IRMCK341TY Datasheet HTML 33Page - International Rectifier IRMCK341TY Datasheet HTML 34Page - International Rectifier IRMCK341TY Datasheet HTML 35Page - International Rectifier IRMCK341TY Datasheet HTML 36Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
IRMCK341
www.irf.com
© 2007 International Rectifier
34
Pin
Number
Pin Name
Internal
Pull-up
/Pull-down
Pin
Type
Description
61
TSTMOD
58 kΩ pull
down
I
Test mode. Must be tied to VSS. Factory use only
62
RESET
I/O
Reset, low true, Schmitt trigger input
63
PLLVDD
P
1.8V PLL power
64
PLLVSS
P
PLL ground
Table 21.
Pin List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com