Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32671Z Datasheet(PDF) 2 Page - EPCOS

Part # B32671Z
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671Z Datasheet(HTML) 2 Page - EPCOS

  B32671Z Datasheet HTML 1Page - EPCOS B32671Z Datasheet HTML 2Page - EPCOS B32671Z Datasheet HTML 3Page - EPCOS B32671Z Datasheet HTML 4Page - EPCOS B32671Z Datasheet HTML 5Page - EPCOS B32671Z Datasheet HTML 6Page - EPCOS B32671Z Datasheet HTML 7Page - EPCOS B32671Z Datasheet HTML 8Page - EPCOS B32671Z Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Typical applications
PFC (Power Factor Correction)
Not suitable for "across the line" applications
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/110/56
Construction
Dielectric: metallized polypropylene (PP)
Wound capacitor technology
Plastic case (UL 94 V-0)
Epoxy resin sealing, flame retardant
Features
High frequency capability
Very small dimensions
Terminals
Parallel wire leads, lead-free tinned
Lead diameter
∅ d
1 = 0.8 mm
Lead length 6
1 mm
Marking
Manufacturer's logo,
rated capacitance (coded),
tolerance,
rated DC voltage,
type number
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32671Z
15
0.8
B32672Z
22.5
0.8
B32673Z
Metallized polypropylene film capacitors (MKP)
B32671Z ... B32673Z
Power Factor Correction
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com