Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL97635IRZ Datasheet HTML 6Page - Intersil Corporation ISL97635IRZ Datasheet HTML 7Page - Intersil Corporation ISL97635IRZ Datasheet HTML 8Page - Intersil Corporation ISL97635IRZ Datasheet HTML 9Page - Intersil Corporation ISL97635IRZ Datasheet HTML 10Page - Intersil Corporation ISL97635IRZ Datasheet HTML 11Page - Intersil Corporation ISL97635IRZ Datasheet HTML 12Page - Intersil Corporation ISL97635IRZ Datasheet HTML 13Page - Intersil Corporation ISL97635IRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6434.2
December 22, 2008
Pinout
ISL97635
(24 LD QFN)
TOP VIEW
SMBCLK
SMBDAT
FPWM
PWMO
GND
PWMI/EN
PGND
PGND
OVP
IIN0
IIN1
IIN2
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
Pin Descriptions (I = Input, O = Output, S = Supply)
PIN
NAME
TYPE
DESCRIPTION
1
SMBCLK
I
SMBus serial clock input
2
SMBDAT
I/O
SMBus serial data input and output
3
FPWM
I
Connect a capacitor between FPWM and GND to set the DPWM frequency. FPWM = 5.4µ/CFPWM
If SMBus PWM or DPST mode is used, connect CFPWM to GND to set the dimming frequency. Also,
connect CPWMO between VPWMO and GND pins for DPST operation. If DC-to-PWM mode is used,
connect CFPWM to set the dimming frequency and apply a 0.21V to 1.21V at VPWMO.
4
PWMO
I/O
PWMI buffered output. If one connects a capacitor between PWMO and GND, it forms a low pass filter
with an internal 40k
Ω resistor, which filters the PWMI signal for DPST operation when Reg 0x01 = 0x01.
If one applies a 0.2V to 1.2V DC input voltage, the output will be PWM with duty cycle proportional to the
DC input.
5
GND
S
Analog GND and LED power return
6
PWMI/EN
I
Dual Functions: Enable pin and PWM brightness control pin or DPST control input. DO NOT let
PWMI/EN floating. The device needs 4ms for initial power-up Enable, then this pin can be applied with
a PWM signal with off-time no longer than 28ms.
7
IIN7
I
Input 7 to current source, FB, and monitoring
8
IIN6
I
Input 6 to current source, FB, and monitoring
9
IIN5
I
Input 5 to current source, FB, and monitoring
10
IIN4
I
Input 4 to current source, FB, and monitoring
11
RSET
I
Resistor connection for setting LED current, (see Equation 1 for calculating the ILEDmax)
12
IIN3
I
Input 3 to current source, FB, and monitoring
13
IIN2
I
Input 2 to current source, FB, and monitoring
14
IIN1
I
Input 1 to current source, FB, and monitoring
15
IIN0
I
Input 0 to current source, FB, and monitoring
16
OVP
I
Overvoltage protection input
17, 18
PGND
S
Power ground (LX Power return)
19, 20
LX
I
Input to boost switch
21
FAULT
O
Fault disconnect switch
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com