Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL8170FSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL8170FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8170FSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL8170FSZ Datasheet HTML 2Page - Intersil Corporation EL8170FSZ Datasheet HTML 3Page - Intersil Corporation EL8170FSZ Datasheet HTML 4Page - Intersil Corporation EL8170FSZ Datasheet HTML 5Page - Intersil Corporation EL8170FSZ Datasheet HTML 6Page - Intersil Corporation EL8170FSZ Datasheet HTML 7Page - Intersil Corporation EL8170FSZ Datasheet HTML 8Page - Intersil Corporation EL8170FSZ Datasheet HTML 9Page - Intersil Corporation EL8170FSZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7490.1
March 9, 2006
FIGURE 9. EL8170 INPUT OFFSET CURRENT vs COMMON-
MODE INPUT VOLTAGE @ 25°C
FIGURE 10. EL8173 INPUT OFFSET CURRENT vs COMMON-
MODE INPUT VOLTAGE @ 25°C
FIGURE 11. EL8170 AVERAGE INPUT BIAS CURRENT vs
COMMON-MODE INPUT VOLTAGE @ VS = 5V,
TEMPERATURE = -45°C, 25°C, AND 85°C
FIGURE 12. EL8173 AVERAGE INPUT BIAS CURRENT vs
COMMON-MODE INPUT VOLTAGE @ VS = 5V,
TEMPERATURE = -45°C, 25°C, AND 85°C
FIGURE 13. EL8170 AVERAGE INPUT BIAS CURRENT vs
COMMON MODE INPUT VOLTAGE @ VS = 3.3V,
TEMPERATURE = -45°C, 25°C, AND 85°C
FIGURE 14. EL8173 AVERAGE INPUT BIAS CURRENT vs
COMMON MODE INPUT VOLTAGE @ VS = 3.3V,
TEMPERATURE = -45°C, 25°C, AND 85°C
Typical Performance Curves (Continued)
COMMON-MODE INPUT VOLTAGE (V)
100
-100
-300
-0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VS=5.0V
VS=3.3V
VS=2.9V
COMMON-MODE INPUT VOLTAGE (V)
100
-100
-300
-0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VS=2.9V
VS=5.0V
VS=3.3V
COMMON-MODE INPUT VOLTAGE (V)
1500
1000
500
0
0
-0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
-45°C
25°C
VS=5V
85°C
-500
0
500
1000
1500
2000
-0.5 0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
COMMON-MODE INPUT VOLTAGE (V)
-45°C
85°C
25°C
4.0 4.5 5.0 5.5
-1000
0
500
1000
1500
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
COMMON-MODE INPUT VOLTAGE (V)
85°C
-45°C
25°C
-500
VS=3.3V
0
500
1000
1500
2000
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
COMMON-MODE INPUT VOLTAGE (V)
85°C
-45°C
25°C
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com