Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6301VCBZA Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6301VCBZA
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301VCBZA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6301VCBZA Datasheet HTML 4Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 5Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 6Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 7Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 8Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 9Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 10Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 11Page - Intersil Corporation HIP6301VCBZA Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN9034.2
December 27, 2004
Operation
Figure 1 shows a simplified diagram of the voltage regulation
and current control loops. Both voltage and current feedback
are used to precisely regulate voltage and tightly control the
output currents, IL1 and IL2, of the two power channels. The
voltage loop comprises the error amplifier, comparators, gate
drivers and output MOSFETs. The error amplifier is
essentially connected as a voltage follower that has as an
input, the programmable reference DAC and an output that is
the CORE voltage.
Voltage Loop
Feedback from the CORE voltage is applied via resistor RIN
to the inverting input of the error amplifier. This signal can
drive the error amplifier output either high or low, depending
upon the CORE voltage. Low CORE voltage makes the
amplifier output move towards a higher output voltage level.
Amplifier output voltage is applied to the positive inputs of
the comparators via the correction summing networks. Out-
of-phase sawtooth signals are applied to the two
Comparators inverting inputs. Increasing error amplifier
voltage results in increased comparator output duty cycle.
This increased duty cycle signal is passed through the PWM
CIRCUIT with no phase reversal and on to the HIP6601B,
again with no phase reversal for gate drive to the upper
MOSFETs, Q1 and Q3. Increased duty cycle or ON time for
the MOSFET transistors results in increased output voltage
to compensate for the low output voltage sensed.
Current Loop
The current control loop works in a similar fashion to the
voltage control loop, but with current control information
applied individually to each channel’s comparator. The
Percent Overvoltage Hysteresis
VSEN Falling after Overvoltage
-
2
-
%
Electrical Specifications
Operating Conditions: VCC = 5V, TA = 0°C to 70°C, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
+
RISEN1
+
CORRECTION
ERROR
AMPLIFIER
FB
REFERENCE
ISEN1
RIN
VCORE
Q3
Q4
L02
PHASE
PWM1
IL2
DAC
COUT
RLOAD
VIN
HIP6601B
-
Q1
Q2
L01
PHASE
IL1
VIN
HIP6601B
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
CORRECTION
PWM2
-
I AVERAGE
+
+
+
-
PROGRAMMABLE
RISEN2
ISEN2
-
-
-
-
+
+
CURRENT
AVERAGING
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE HIP6301V VOLTAGE AND CURRENT CONTROL LOOPS FOR
TWO-PHASE REGULATOR
∑
∑
∑
∑
HIP6301V, HIP6302V
HIP6301V, HIP6302V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com