Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6439CBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6439CBZ
Description  Single Sync Buck PWM Controller for Broadband Gateway Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6439CBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6439CBZ Datasheet HTML 1Page - Intersil Corporation ISL6439CBZ Datasheet HTML 2Page - Intersil Corporation ISL6439CBZ Datasheet HTML 3Page - Intersil Corporation ISL6439CBZ Datasheet HTML 4Page - Intersil Corporation ISL6439CBZ Datasheet HTML 5Page - Intersil Corporation ISL6439CBZ Datasheet HTML 6Page - Intersil Corporation ISL6439CBZ Datasheet HTML 7Page - Intersil Corporation ISL6439CBZ Datasheet HTML 8Page - Intersil Corporation ISL6439CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Pinouts
14 LEAD SOIC
TOP VIEW
16 LEAD 5x5 QFN
TOP VIEW
Ordering Information
12
14
13
4
3
2
1
LGATE
CPVOUT
UGATE
PHASE
VCC
BOOT
GND
CT1
11
7
6
5
9
8
10
CT2
OCSET
FB
CPGND
ENABLE
COMP
1
3
4
15
CPVOUT
CT1
CT2
OCSET
16
14
13
2
12
10
9
11
6
57
8
PHASE
VCC
CPGND
NC
PART NUMBER
TEMP
RANGE (oC)
PACKAGE
PKG DWG. #
ISL6439CB
0 to 70
14 lead SOIC
M14.15
ISL6439CBZ
(See Note)
0 to 70
14 lead SOIC
(Pb-free)
M14.15
ISL6439IB
-40 to 85
14 lead SOIC
M14.15
ISL6439IBZ
(See Note)
-40 to 85
14 lead SOIC
(Pb-free)
M14.15
ISL6439AIB
-40 to 85
14 lead SOIC
M14.15
ISL6439AIBZ
(See Note)
-40 to 85
14 lead SOIC
(Pb-free)
M14.15
ISL6439IR
-40 to 85
16 Lead 5x5 QFN L16.5x5B
ISL6439IRZ
(See Note)
-40 to 85
16 Lead 5x5 QFN
(Pb-free)
L16.5x5B
ISL6439AIR
-40 to 85
16 Lead 5x5 QFN L16.5x5B
ISL6439AIRZ
(See Note)
-40 to 85
16 Lead 5x5 QFN
(Pb-free)
L16.5x5B
ISL6439EVAL1
ISL6439 SOIC Evaluation Board
ISL6439EVAL2
ISL6439 QFN Evaluation Board
ISL6439AEVAL1 ISL6439A SOIC Evaluation Board
ISL6439AEVAL2 ISL6439A QFN Evaluation Board
Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
ISL6439



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com