Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPCS1 Datasheet(PDF) 21 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EPCS1_1 Datasheet HTML 17Page - Altera Corporation EPCS1_1 Datasheet HTML 18Page - Altera Corporation EPCS1_1 Datasheet HTML 19Page - Altera Corporation EPCS1_1 Datasheet HTML 20Page - Altera Corporation EPCS1_1 Datasheet HTML 21Page - Altera Corporation EPCS1_1 Datasheet HTML 22Page - Altera Corporation EPCS1_1 Datasheet HTML 23Page - Altera Corporation EPCS1_1 Datasheet HTML 24Page - Altera Corporation EPCS1_1 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–21
Serial Configuration Device Memory Access
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Fast Read Operation
The device is first selected by driving nCS low. The fast read instruction code is
followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in
during the rising edge of DCLK. Then the memory contents, at that address, is shifted
out on DATA, each bit being shifted out, at a maximum frequency of 40 MHz, during
the falling edge of DCLK.
The instruction sequence is shown in Figure 3–12.
The first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out. The
whole memory can, therefore, be read with a single fast read instruction. When the
highest address is reached, the address counter rolls over to 000000h, allowing the
read sequence to be continued indefinitely.
The fast read instruction is terminated by driving nCS high at any time during data
output. Any fast read instruction is rejected during the Erase, Program, or Write
operations without any effect on the operation that is in progress .
Figure 3–12. FAST_READ Operation Timing Diagram
Note to Figure 3–12:
(1) Address bit A[23] is a don't-care bit in EPCS64. Address bits A[23..21] are don't-care bits in EPCS16. Address
bits A[23..19] are don't-care bits in EPCS4. Address bits A[23..17] are don't-care bits in the EPCS1.
nCS
DCLK
ASDI
DATA
nCS
DCLK
ASDI
DATA
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
Operation Code
Dummy Byte
24-Bit Address (1)
MSB
MSB
MSB
MSB
High Impedance
23
22
21
3
2
1
0
DATA Out 1
DATA Out 2
765432
0
1
7
6543210
7
765432
0
1
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com