| Electronic Components Datasheet Search |
|
EPCS1 Datasheet(PDF) 4 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPCS1 Datasheet(HTML) 4 Page - Altera Corporation |
|
4 / 38 page ![]() 3–4 Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet Active Serial FPGA Configuration Configuration Handbook (Complete Two-Volume Set) © December 2009 Altera Corporation There are four signals on the serial configuration device that interface directly with the FPGA’s control signals. The serial configuration device signals DATA, DCLK, ASDI, and nCS interface with DATA0, DCLK, ASDO, and nCSO control signals on the FPGA, respectively. Figure 3–2 shows a serial configuration device programmed via a download cable, which configures an FPGA in AS mode. Figure 3–3 shows a serial configuration device programmed using the APU or a third-party programmer configuring an FPGA in AS configuration mode. f For more information about the serial configuration device pin description, refer to Table 3–23. Figure 3–2. Altera FPGA Configuration in AS Mode (Serial Configuration Device Programmed Using Download Cable) (Note 1) , (4) Notes to Figure 3–2: (1) For the VCC value, refer to the respective FPGA family handbook Configuration chapter. (2) Serial configuration devices cannot be cascaded. (3) Connect the FPGA MSEL[] input pins to select the AS configuration mode. For details, refer to the respective FPGA family chapter in the Configuration Handbook. (4) For more information about configuration pin I/O requirements in an AS scheme for an Altera FPGA, refer to the respective FPGA family handbook Configuration chapter. DATA DCLK nCS ASDI DATA0 DCLK nCSO nCE nCONFIG nSTATUS MSEL[] nCEO CONF_DONE ASDO VCC (1) VCC (1) VCC (1) VCC (1) 10 k 10 k 10 k 10 k (3) Altera FPGA Serial Configuration Device (2) Pin 1 N.C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |