Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445MMX Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445MMX
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445MMX Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3445MMX Datasheet HTML 13Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 14Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 15Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 16Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 17Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 18Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 19Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 20Page - National Semiconductor (TI) LM3445MMX Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Design Guide
DETERMINING DUTY-CYCLE (D)
Duty cycle (D) approximately equals:
With efficiency considered:
For simplicity, choose efficiency between 75% and 85%.
CALCULATING OFF-TIME
The “Off-Time” of the LM3445 is set by the user and remains
fairly constant as long as the voltage of the LED stack remains
constant. Calculating the off-time is the first step in determin-
ing the switching frequency of the converter, which is integral
in determining some external component values.
PNP transistor Q3, resistor R4, and the LED string voltage
define a charging current into capacitor C11. A constant cur-
rent into a capacitor creates a linear charging characteristic.
Resistor R4, capacitor C11 and the current through resistor
R4 (i
COLL), which is approximately equal to VLED/R4, are all
fixed. Therefore, dv is fixed and linear, and dt (t
OFF) can now
be calculated.
Common equations for determining duty cycle and switching
frequency in any buck converter:
Therefore:
With efficiency of the buck converter in mind:
Substitute equations and rearrange:
Off-time, and switching frequency can now be calculated us-
ing the equations above.
SETTING THE SWITCHING FREQUENCY
Selecting the switching frequency for nominal operating con-
ditions is based on tradeoffs between efficiency (better at low
frequency) and solution size/cost (smaller at high frequency).
The input voltage to the buck converter (V
BUCK) changes with
both line variations and over the course of each half-cycle of
the input line voltage. The voltage across the LED string will,
however, remain constant, and therefore the off-time remains
constant.
The on-time, and therefore the switching frequency, will vary
as the V
BUCK voltage changes with line voltage. A good design
practice is to choose a desired nominal switching frequency
knowing that the switching frequency will decrease as the line
voltage drops and increase as the line voltage increases (see
figure 16).
30060310
FIGURE 16. Graphical Illustration of Switching
Frequency vs V
BUCK
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com