Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445M Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445M Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3445M Datasheet HTML 10Page - National Semiconductor (TI) LM3445M Datasheet HTML 11Page - National Semiconductor (TI) LM3445M Datasheet HTML 12Page - National Semiconductor (TI) LM3445M Datasheet HTML 13Page - National Semiconductor (TI) LM3445M Datasheet HTML 14Page - National Semiconductor (TI) LM3445M Datasheet HTML 15Page - National Semiconductor (TI) LM3445M Datasheet HTML 16Page - National Semiconductor (TI) LM3445M Datasheet HTML 17Page - National Semiconductor (TI) LM3445M Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MASTER/SLAVE OPERATION
Multiple LM3445s can be configured so that large strings of
LEDs can be controlled by a single triac dimmer. By doing so,
smooth consistent dimming for multiple LED circuits is
achieved.
When the FLTR1 pin is tied above 4.9V (typical), preferably
to VCC, the ramp comparator is tri-stated, disabling the dim
decoder. This allows one or more LM3445 devices or PWM
LED driver devices (slaves) to be controlled by a single
LM3445 (master) by connecting their DIM pins together.
MASTER/SLAVE CONFIGURATION
National Semiconductor offers an LM3445 demonstration
PCB for customer evaluation through our website. The fol-
lowing description and theory uses reference designators that
follow our evaluation PCB. The LM3445 Master/Slave
schematics are illustrated below (figures 13 - 15) for clarity.
Each board contains a separate circuit for the Master and
Slave function. Both the Master and Slave boards will need
to be modified from their original stand alone function so that
they can be coupled together. Only the Master LM3445 re-
quires use of the Master/Slave circuit for any number of
slaves.
MASTER BOARD MODIFICATIONS
•
Remove R10 and replace with a BAS40 diode
•
Connect TP18 to TP14 (V
CC)
•
Connect TP17 (gate of Q5) to TP15 (gate of Q2)
SLAVE BOARD(S) MODIFICATIONS
•
Remove R11 (disconnects BLDR)
•
Tie TP14 (FLTR1) to V
CC
MASTER/SLAVE(S) INTERCONNECTION
•
Connect TP19 of Master to TP10 of Slave (Master VCC
Control)
•
Connect TP6 (DIM pin) of Master to TP6 (DIM pin) of Slave
(Master DIM Control)
MASTER/SLAVE THEORY OF OPERATION
By placing two series diodes on the Master VCC circuit one
forces the master VCC UVLO to become the dominant thresh-
old. When Master VCC drops below UVLO, GATE stops
switching and the RC timer (>200 µs) rises above the TL431
threshold (2.5V) which in turn pulls down on the gate of the
Slave pass device (Q1).
The valley-fill circuit could consist of one large circuit to power
all LM3445 series connected, or each LM3445 circuit could
have a separate valley-fill circuit located near the buck con-
verter.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com