Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4951ASD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4951ASD
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951ASD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4951ASD Datasheet HTML 1Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 2Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 3Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 4Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 5Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 6Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 7Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 8Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Connection Diagrams
SD Package
30057829
Top View
Order Number LM4951ASD
See NS Package Number SDC10A
SD Package Marking
30057831
Top View
U = Fab site code
Z = Assembly plant code
XY = Date code
TT = Die traceability
4951A = LM4951A
SD = Package code
Ordering Information
Order Number
Package
Package DWG #
Transport Media
MSL Level
Green Status
Features
LM4951ASD
10 Lead LLP
SDC10A
1000 units in Tape and Reel
1
RoH and no Sb/Br
LM4951ASDX
10 Lead LLP
SDC10A
4500 units in Tape and Reel
1
RoH and no Sb/Br
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com