Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2956A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956A
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2956A Datasheet HTML 2Page - National Semiconductor (TI) LP2956A Datasheet HTML 3Page - National Semiconductor (TI) LP2956A Datasheet HTML 4Page - National Semiconductor (TI) LP2956A Datasheet HTML 5Page - National Semiconductor (TI) LP2956A Datasheet HTML 6Page - National Semiconductor (TI) LP2956A Datasheet HTML 7Page - National Semiconductor (TI) LP2956A Datasheet HTML 8Page - National Semiconductor (TI) LP2956A Datasheet HTML 9Page - National Semiconductor (TI) LP2956A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Note 15: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current, output load current,
and current through the external resistive dividers (if used).
Note 16: All pins are rated for 2 kV, except for the auxiliary feedback pin which is rated for 1.2 kV (human body model, 100 pF discharged through 1.5 k
Ω).
Typical Performance Characteristics Unless otherwise specified: V
IN = 6V, CL = 2.2 μF (Main Output)
and 10
μF (Auxiliary Output), Feedback is tied to 5V Tap pin, C
IN = 1 μF, VSD = 0V, Main Output pin is tied to Output Sense pin,
Auxiliary Output is programmed for 5V. The main regulator output has a 1 mA load, the auxiliary output has a
100 μA load.
Ground Pin Current
1133918
Ground Pin Current
1133919
Ground Pin Current
1133920
Ground Pin Current
1133921
Ground Pin Current
1133922
Ground Pin Current
1133923
www.national.com
6
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com