Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4548A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4548A
Description  AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4548A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4548A Datasheet HTML 9Page - National Semiconductor (TI) LM4548A Datasheet HTML 10Page - National Semiconductor (TI) LM4548A Datasheet HTML 11Page - National Semiconductor (TI) LM4548A Datasheet HTML 12Page - National Semiconductor (TI) LM4548A Datasheet HTML 13Page - National Semiconductor (TI) LM4548A Datasheet HTML 14Page - National Semiconductor (TI) LM4548A Datasheet HTML 15Page - National Semiconductor (TI) LM4548A Datasheet HTML 16Page - National Semiconductor (TI) LM4548A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Pin Descriptions (Continued)
DIGITAL I/O AND CLOCKING (Continued)
Name
Pin
I / O
Functional Description
RESET#
11
I
Cold Reset
This active low signal causes a hardware reset which returns the control registers and all
internal circuits to their default conditions. RESET# must be used to initialize the LM4548A
after Power On when the supplies have stabilized. Cold Reset also clears the codec from
both ATE and Vendor test modes. In addition, while active, it switches the PC_BEEP mono
input directly to both channels of the LINE_OUT stereo output.
ID0#
45
I
Codec Identity
ID1# and ID0# determine the Codec Identity for multiple codec use. The Codec Identity
configures the codec in either Primary or one of three Secondary Codec modes. These
Identity pins are of inverted polarity relative to the Codec Identity bits ID1, ID0 (bits D15, D14)
in the read-only Extended Audio ID register, 28h. If the ID0# pin (pin 45) is connected to
ground then the ID0 bit (D14, reg 28h) will be set to “1”. Similarly, connection to DV
DD will set
the ID0 bit to “0”. If left open (NC), ID0# is pulled High by an internal pull-up resistor.
ID1#
46
I
Codec Identity
ID1# and ID0# determine the Codec Identity for multiple codec use. The Codec Identity
configures the codec in either Primary or one of three Secondary Codec modes. These
Identity pins are of inverted polarity relative to the Codec Identity bits ID1, ID0 (bits D15, D14)
in the read-only Extended Audio ID register, 28h. If the ID01# pin (pin 46) is connected to
ground then the ID1 bit (D15, reg 28h) will be set to “1”. Similarly, connection to DV
DD will set
the ID1 bit to “0”. If left open (NC), ID1 is pulled high by an internal pull-up resistor.
POWER SUPPLIES AND REFERENCES
Name
Pin
I / O
Functional Description
AV
DD
25
I
Analog supply
AV
SS
26
I
Analog ground
DV
DD1
1
I
Digital supply
DV
DD2
9
I
Digital supply
DV
SS1
4
I
Digital ground
DV
SS2
7
I
Digital ground
V
REF
27
O
Nominal 2.2 V internal reference
Not intended to sink or source current. Use short traces to bypass (3.3 µF, 0.1 µF) this pin to
maximize codec performance. This pin must be tied to AV
DD witha10k
Ω pull-up resistor.
V
REF_OUT
28
O
Nominal 2.2 V reference output
Can source up to 5 mA of current and can be used to bias a microphone.
3D SOUND AND NO-CONNECTS (NC)
Name
Pin
I / O
Functional Description
3DP, 3DN
33,34
O
These pins are used to complete the National 3D Sound stereo enhancement circuit. Connect
a 0.022 µF capacitor between pins 3DP and 3DN. National 3D Sound can be turned on and
off via the 3D bit (D13) in the General Purpose register, 20h. National 3D Sound uses a
fixed-depth type stereo enhancement circuit hence the 3D Control register, 22h is read-only
and is not programmable. If National 3D Sound is not needed, these pins should be left open
(NC).
NC
29, 30
31, 32
38, 40
42, 43
44, 47,
48
NC
These pins are not used and should be left open (NC).
For second source applications these pins may be connected to a noise-free supply or
ground (e.g. AV
DD or AVSS), either directly or through a capacitor.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com