Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC056 Datasheet(PDF) 94 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 94 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 90Page - Maxim Integrated Products VSC056 Datasheet HTML 91Page - Maxim Integrated Products VSC056 Datasheet HTML 92Page - Maxim Integrated Products VSC056 Datasheet HTML 93Page - Maxim Integrated Products VSC056 Datasheet HTML 94Page - Maxim Integrated Products VSC056 Datasheet HTML 95Page - Maxim Integrated Products VSC056 Datasheet HTML 96Page - Maxim Integrated Products VSC056 Datasheet HTML 97Page - Maxim Integrated Products VSC056 Datasheet HTML 98Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 134 page
background image
94 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
4:2
FS2-0
R/W
Function Select
These three bits, along with the PTE, DD, and GPD bits, determine the
function of each I/O pin.
When configured as an output, the FS2-0 bits determine the rate at which the
high current drive I/O toggles, providing a simple mechanism for flashing
LEDs. The DD and GPD bits can be used to drive each I/O individually and to
take the place of the byte wide controls found in the DD and GPD registers.
Note that the DD bit is always de-asserted to configure the I/O as an output.
Asserting the DD bit tri-states the I/O and effectively configures the I/O as an
input. The six bits allow the user to select one of seven flash rates or eight
user-programmable pulse trains, as well as to drive the LED both on and off.
The output can be enabled to drive in an open-source (output drives to VDD
with an external pull-down resistor) or open-drain (output drives to VSS with an
external pull-up) configuration when using the flashing mechanism. For
available combinations to drive an LED, see Table 5, page 80.
When configured as an input, the DD bit is asserted. These bits determine the
type of I/O pin edge transition that generates an interrupt condition. Transition
detectors within the device filter the changes observed at the I/O pin and
determine if a valid transition has occurred. If a valid transition occurs, the
INT# pin asserts and a binary value equal to the address of this register
appears in the BCIS register. For available input edge combinations, see
Table 6, page 81.
Note: When configuring an I/O pin from an output to an input with interrupt
enabled, it is recommended that the data direction change and interrupt
enabling be accomplished with separate register write operations. This
guarantees that any I/O transition that occurs as a result of the data direction
change, which may rely on the weak internal pull-up resistor, does not
generate an unexpected interrupt.
1
DD
R/W
Data Direction
This bit determines the direction of the data flow through the I/O pin.
To enable the respective I/O pin as an input, set the appropriate bit.
To enable the respective I/O pin as an output, reset the appropriate bit.
Each I/O pin can be individually configured as a true bidirectional function.
To implement an open-drain or open-source function, set or reset the
appropriate data bit using the data direction bit as the programmed data
value.
After a reset or power on, these bits are set to a binary 1, enabling the
I/O as an input with weak pull-up.
0
GPD
R/W
General-Purpose Data
When the I/O pin is enabled as an output, writing this bit determines the data
value that is present on the corresponding I/O pin.
If the I/O pin is enabled as an input, reading this register bit represents the
current voltage applied to the pin. At no time does this bit directly represent
the value latched into the data register.
If the pin is enabled as an input and there is no signal applied, a weak internal
pull-up resistor holds the pin at a binary 1.
After a reset or power on, this register bit is set to a binary 1; however, the
value returned from a register read is the level applied to the pin since each
pin is an input by default.
Bit
Bit Label
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com