Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6874 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6874
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6874 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6874 Datasheet HTML 17Page - Maxim Integrated Products MAX6874 Datasheet HTML 18Page - Maxim Integrated Products MAX6874 Datasheet HTML 19Page - Maxim Integrated Products MAX6874 Datasheet HTML 20Page - Maxim Integrated Products MAX6874 Datasheet HTML 21Page - Maxim Integrated Products MAX6874 Datasheet HTML 22Page - Maxim Integrated Products MAX6874 Datasheet HTML 23Page - Maxim Integrated Products MAX6874 Datasheet HTML 24Page - Maxim Integrated Products MAX6874 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
______________________________________________________________________________________
21
Table 12 only applies to PO6 of the MAX6874 and PO4
of the MAX6875. Write a 0 to a bit to make the PO6/PO4
output independent of the respective signal (IN_
thresholds, WD, GPI1–GPI4, MR, or other programma-
ble outputs).
REGISTER
ADDRESS
EEPROM
MEMORY
ADDRESS
BIT
OUTPUT ASSERTION CONDITIONS
[0]
1 = PO6/PO4 assertion depends on IN1 undervoltage threshold (Table 2).
[1]
1 = PO6/PO4 assertion depends on IN2 undervoltage threshold (Table 3).
[2]
1 = PO6/PO4 assertion depends on IN3 undervoltage threshold (Table 4).
[3]
1 = PO6/PO4 assertion depends on IN4 undervoltage threshold (Table 4).
[4]
1 = PO6 (MAX6874 only) assertion depends on IN5 undervoltage threshold (Table 4). Must be
set to 0 for the MAX6875.
[5]
1 = PO6 (MAX6874 only) assertion depends on IN6 undervoltage threshold (Table 4). Must be
set to 0 for the MAX6875.
[6]
1 = PO6/PO4 assertion depends on watchdog (Tables 18 and 19).
2Bh
802Bh
[7]
Must be set to 0.
[5:0]
Must be set to 0.
[6]
1 = PO6/PO4 assertion depends on GPI1 (Table 5).
2Ch
802Ch
[7]
1 = PO6/PO4 assertion depends on GPI2 (Table 5).
[0]
1 = PO6/PO4 assertion depends on GPI3 (Table 5).
[1]
1 = PO6/PO4 assertion depends on GPI4 (Table 5).
[2]
1 = PO6 (MAX6874 only) assertion depends on PO1 (Table 7). Must be set to 0 for the MAX6875.
[3]
1 = PO6 (MAX6874 only) assertion depends on PO2 (Table 8). Must be set to 0 for the MAX6875.
[4]
1 = PO6/PO4 assertion depends on PO3 (MAX6874)/PO1 (MAX6875) (Table 9).
[5]
1 = PO6/PO4 assertion depends on PO4 (MAX6874)/PO2 (MAX6875) (Table 10).
[6]
1 = PO6/PO4 assertion depends on PO5 (MAX6874)/PO3 (MAX6875) (Table 11).
2Dh
802Dh
[7]
1 = PO6/PO4 assertion depends on PO7 (MAX6874)/PO5 (MAX6875) (Table 13).
31h
8031h
[0]
1 = PO6 (MAX6874 only) assertion depends on PO8 (Table 14). Must be set to 0 for the MAX6875.
40h
8040h
[5]
1 = PO6/PO4 asserts when MR = low (Table 6).
Table 12. PO6 (MAX6874)/PO4 (MAX6875) Output Dependency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com