Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX691AC/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX691AC/D
Description  Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691AC/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX691AC/D Datasheet HTML 1Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 2Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 3Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX691AC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Microprocessor Supervisory Circuits
_______________________________________________________________________________________
5
36
26
-60
120
150
VCC SUPPLY CURRENT
vs. TEMPERATURE
(NORMAL OPERATING MODE)
34
TEMPERATURE (
°C)
30
30
28
-30
0
90
32
60
VCC = 5V
VBATT = 2.8V
PFI, CE IN = 0V
0
-60
120
150
BATTERY SUPPLY CURRENT
vs. TEMPERATURE
(BATTERY-BACKUP MODE)
2
TEMPERATURE (
°C)
30
1
0.5
-30
0
90
1.5
60
VCC = 5V
VBATT = 2.8V
NO LOAD
120
-60
120
150 180
CHIP-ENABLE ON-RESISTANCE
vs. TEMPERATURE
100
TEMPERATURE (
°C)
30
60
40
-30
0
90
80
60
VCC = 4.75V
VBATT = 2.8V
VCE IN = VCC/2
20
5
-60
120
150
VBATT to VOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
30
10
-30
0
90
15
60
VCC = 0V
VBATT = 2.8V
VBATT = 2.0V
VBATT = 4.5V
4.75
4.30
-60
120
150
RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
30
4.45
-30
0
90
4.65
4.40
4.35
4.50
4.70
4.55
4.60
60
VBATT = 2.8V
MAX691A
MAX800L
MAX693A
MAX800M
1.2
0.6
-60
120
150
VCC to VOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
30
0.8
-30
0
90
1.0
0.7
0.9
1.1
60
VCC = 5V,
VBATT = 0V
1.50
0
-60
120
150
PFI THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
30
0.50
-30
0
90
1.00
0.25
0.75
1.25
60
VCC = +5V,
VBATT = 0V
NO LOAD ON PFO
600
0
-60
120
150
RESET OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
30
200
-30
0
90
100
500
300
400
60
VCC = 5V, VBATT = 2.8V
SOURCING CURRENT
VCC = 0V, VBATT = 2.8V
SINKING CURRENT
-60
120
150
RESET DELAY
vs. TEMPERATURE
230
TEMPERATURE (
°C)
30
190
170
-30
0
90
210
220
180
200
60
VCC = 0V TO 5V STEP
VBATT = 2.8V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com