Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6746KA/V+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6746KA/V+T
Description  uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6746KA/V+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6746KA/V+T Datasheet HTML 1Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 2Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 3Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 4Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 5Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 6Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 7Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 8Page - Maxim Integrated Products MAX6746KA/V+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.2V to +5.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CSWT = 1500pF
11.38
15.18
18.98
Fast Watchdog Timeout Period,
SET Ratio = 64,
(MAX6752/MAX6753)
tWD1
CSWT = 100pF
1.01
ms
Fast Watchdog Minimum Period
(MAX6752/MAX6753)
2000
ns
SWT Ramp Current
IRAMP
VSWT = 0 to 1.23V, VCC = 1.6V to 5V
200
250
300
nA
SWT Ramp Threshold
VRAMP
VCC = 1.6V to 5V (VRAMP rising)
1.173
1.235
1.297
V
VCC
≥ 1.0V, ISINK = 50µA
0.3
VCC
≥ 2.7V, ISINK = 1.2mA
0.3
RESET Output-Voltage LOW
Open-Drain, Push-Pull
(Asserted)
VOL
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
V
VCC
≥ 1.8V, ISOURCE = 200µA
0.8 x VCC
VCC
≥ 2.25V, ISOURCE = 500µA
0.8 x VCC
RESET Output-Voltage HIGH,
Push-Pull (Not Asserted)
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
0.8 x VCC
V
RESET Output Leakage Current,
Open Drain
ILKG
VCC > VTH, reset not asserted,
VRESET = 5.5V
1.0
µA
DIGITAL INPUTS (
MR, SET0, SET1, WDI, WDS)
VIL
0.8
VIH
VCC
≥ 4.0V
2.4
VIL
VCC < 4.0V
0.3 x VCC
Input Logic Levels
VIH
0.7 x VCC
V
MR Minimum Pulse Width
1µs
MR Glitch Rejection
100
ns
MR to RESET Delay
200
ns
MR Pullup Resistance
Pullup to VCC
12
20
28
k
Ω
WDI Minimum Pulse Width
300
ns
RESET IN
RESET IN Threshold
VRESET IN
TA = -40°C to +125°C
1.216
1.235
1.254
V
RESET IN Leakage Current
IRESET IN
-50
±1
+50
nA
RESET IN to
RESET Delay
RESET IN falling at 1mV/µs
20
µs
Note 1: Production testing done at TA = +25°C. Over temperature limits are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com