Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLIN-06E2AX Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # SLIN-06E2AX
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-06E2AX Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button SLIN-06E2AX Datasheet HTML 9Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 10Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 11Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 12Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 13Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 14Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 15Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 16Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
13
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
October 8, 2009
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Filtering (continued)
0
10
20
30
40
50
60
70
80
90
0.5
1.5
2.5
3.5
4.5
5.5
Output Voltage(Volts)
1x10uF External Cap
1x47uF External Cap
2x47uF External Cap
4x47uF External Cap
Note: Output ripple voltage for various output voltages with external 1x10 µF, 1x47 µF, 2x47 µF or 4x47 µF
ceramic capacitors at the output (6A load). Input voltage is 12V.
Safety Considerations
For safety agency approval the power module must be installed in compliance with the spacing and separation
requirements of the end-use safety agency standards, i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE
0850:2001-12 (EN60950-1) Licensed.
For the converter output to be considered meeting the requirements of safety extra-low voltage (SELV), the input
must meet SELV requirements. The power module has extra-low voltage (ELV) outputs when all inputs are ELV.
The input to these units is to be provided with a fast-acting fuse with a maximum rating of 6A in the positive input
lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com