Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6991CS6PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6991CS6PBF
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6991CS6PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6991CS6PBF Datasheet HTML 1Page - Linear Technology LTC6991CS6PBF Datasheet HTML 2Page - Linear Technology LTC6991CS6PBF Datasheet HTML 3Page - Linear Technology LTC6991CS6PBF Datasheet HTML 4Page - Linear Technology LTC6991CS6PBF Datasheet HTML 5Page - Linear Technology LTC6991CS6PBF Datasheet HTML 6Page - Linear Technology LTC6991CS6PBF Datasheet HTML 7Page - Linear Technology LTC6991CS6PBF Datasheet HTML 8Page - Linear Technology LTC6991CS6PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6991

6991f
Typical applicaTion
FeaTures
DescripTion
TimerBlox: Resettable, Low
Frequency Oscillator
The LTC®6991 is a silicon oscillator with a programmable
periodrangeof1.024msto9.54hours(29.1µHzto977Hz),
specifically intended for long duration timing events. The
LTC6991 is part of the TimerBlox™ family of versatile
silicon timing devices.
A single resistor, RSET, programs the LTC6991’s internal
master oscillator frequency. The output clock period
is determined by this master oscillator and an internal
frequency divider, NDIV, programmable to eight settings
from 1 to 221.
t
N
R
k
ms N
OUT
DIV
SET
DIV
=
=
•
• .
,
, , ,...,
50
1 024
18 64 221
Ω
In normal operation, the LTC6991 oscillates with a 50%
duty cycle. A reset function is provided to truncate the
pulse (reducing the duty cycle). The reset pin can also be
used to prevent the output from oscillating.
The RST and OUT pins can be configured for active-low
or active-high operation using a polarity function.
POL BIT
RST PIN
OUTPUT STATE
0
0
Oscillating
0
1
0 (reset)
1
0
1 (reset)
1
1
Oscillating
The LTC6991 is available in the 6-lead SOT-23 (ThinSOT)
package or a 6-lead 2mm
× 3mm DFN.
Art Titles Text for Graphics
applicaTions
n
Period Range: 1ms to 9.5 Hours
n
Configured with 1 to 3 Resistors
n
<1.5% Maximum Frequency Error
n
Output Reset Function
n
2.25V to 5.5V Single Supply Operation
n
55µA to 80µA Supply Current
(2ms to 9.5hr Clock Period)
n
500µs Start-Up Time
n
CMOS Output Driver Sources/Sinks 20mA
n
–40°C to 125°C Operating Temperature Range
n
Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm
× 3mm DFN Packages
n
“Heartbeat” Timers
n
Watchdog Timers
n
Intervalometers
n
Periodic “Wake-Up” Call
n
High Vibration, High Acceleration Environments
n
Portable and Battery-Powered Equipment
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT and TimerBlox are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
LTC6991
2.25V TO 5.5V
0.1µF
OUT
R1
1M
R2
392k
RSET
715k
RST
GND
SET
OUT
V+
DIV
CPW
470pF
RPW
2.26k
6991 TA01a
60 SECONDS
1µs PULSE WIDTH
tPULSE ≈ RPW • CPW ≈ 1µs
Low Frequency Pulse Generator
Clock Period Range over Eight Divider Settings
DIV PIN VOLTAGE, VDIV (V)
0
10Sec
10Min
2.5
6991 TA01b
100ms
1ms
0.625
1.25
1.875
10Hr
1Sec
1Min
10ms
1Hr


Similar Part No. - LTC6991CS6PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6991CS6TRMPBF AD-LTC6991CS6TRMPBF Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
LTC6991CS6TRPBF AD-LTC6991CS6TRPBF Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results

Similar Description - LTC6991CS6PBF

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6993-1 LINER-LTC6993-1 Datasheet
398Kb / 24P
TimerBlox: Monostable
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
TimerBlox Long Timer, Low Frequency Oscillator
LTC6991 LINER-LTC6991_15 Datasheet
273Kb / 24P
Resettable, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com