Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26F31MJ/883 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F31MJ/883
Description  Quad High Speed Differential Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F31MJ/883 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS26F31MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) DS26F31MJ/883 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Test Circuit and Timing Waveforms
Note 9: Diagram shown for Enable Low. Switches S1 and S2 open.
Note 10: S1 and S2 of Load Circuit are closed except where shown.
Note 11: Pulse Generator for all Pulses: Rate
≤ 1.0 MHz, ZO =50Ω,tr ≤ 6.0 ns, tf ≤ 6.0 ns.
Note 12: CL includes probe and jig capacitance.
20163203
FIGURE 2. AC Load Test Circuit for TRI-STATE Outputs
20163204
FIGURE 3. Propagation Delay (Notes 1, 2)
20163205
FIGURE 4. Enable and Disable Times (Note 2)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com