Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26F32ME/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F32ME/883
Description  DS26F32MQML
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32ME/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS26F32ME/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS26F32 Electrical Characteristics (Continued)
AC Parameters
The following conditions apply, unless otherwise specified.
AC:
V
CC = 5V
(Note 7)
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
t
PLH
C
L = 50pF
(Note 6)
23
nS
9
(Note 6)
31
nS
10, 11
C
L = 15pF
(Note 5)
22
nS
9
(Note 5)
30
nS
10, 11
t
PHL
C
L = 50pF
(Note 6)
23
nS
9
(Note 6)
31
nS
10, 11
C
L = 15pF
(Note 5)
22
nS
9
(Note 5)
30
nS
10, 11
t
PZH
Enable Time
C
L = 50pF
(Note 6)
18
nS
9
(Note 6)
29
nS
10, 11
C
L = 15pF
(Note 5)
16
nS
9
(Note 5)
27
nS
10, 11
t
PZL
Enable Time
C
L = 50pF
(Note 6)
20
nS
9
(Note 6)
29
nS
10, 11
C
L = 15pF
(Note 5)
18
nS
9
(Note 5)
27
nS
10, 11
t
PHZ
Disable Time
C
L = 50pF
(Note 6)
55
nS
9
(Note 6)
62
nS
10, 11
C
L = 5pF
(Note 5)
20
nS
9
(Note 5)
27
nS
10, 11
t
PLZ
Disable Time
C
L = 50pF
(Note 6)
30
nS
9
(Note 6)
42
nS
10, 11
C
L = 5pF
(Note 5)
18
nS
9
(Note 5)
30
nS
10, 11
DC Drift Parameters
This section applies to -QMLV devices only. Devices shall be read & recorded at T
A = 25˚C before and after each burn-in and
shall not change by more than the limits indicated. The delta rejects shall be included in the PDA calculation.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
OH
Logical "1" Output Voltage
V
CC = 4.5V, IOH = -440µA,
∆V
I = 1V, VEn = 0.8V = VEn
-250
250
mV
1
V
OL
Logical "0" Output Voltage
V
CC = 4.5V, IOL = 4mA,
∆V
I = -1V, VEn = 0.8V = VEn
-45
45
mV
1
V
CC = 4.5V, IOL = 8mA,
∆ V
I = -1V, VEn = 0.8V = VEn
-45
45
mV
1
I
I
Input Current
Pin under test
V
CC = 4.5V, VI = 15V
Other inputs -15V
≤ V
I
≤ +15V
-0.28
0.28
mA
1
Pin under test
V
CC = 5.5V, VI = -15V
Other inputs -15V
≤ V
I
≤ +15V
-0.28
0.28
mA
1
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com