Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-6525 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-6525
Description  Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6525 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-6525 Datasheet HTML 1Page - National Instruments Corporation USB-6525 Datasheet HTML 2Page - National Instruments Corporation USB-6525 Datasheet HTML 3Page - National Instruments Corporation USB-6525 Datasheet HTML 4Page - National Instruments Corporation USB-6525 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Industrial Digital I/O Device for USB – 60 V, Channel-to-Channel Isolated
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
These specifications are typical at 25 °C, unless otherwise noted.
Isolated Inputs
Number of channels............................
8, ch-ch isolated
Input voltage range.............................
-60 to 60 VDC
Digital logic levels
Input current........................................
3.0 mA/channel max
Solid-State Relay Outputs
Number of channels............................
8, ch-ch isolated
Relay type ...........................................
Normally open solid-state relay
(SSR)
Switching voltage ...............................
60 VDC/30 Vrms max
Switching current (per channel) .........
500 mA max, full operation
temperature range
Switching rate (90% duty cycle).........
5 operations per second
Relay open time ..................................
60 µs typ
Relay close time..................................
1.2 ms typ
On-resistance ......................................
550 mΩ, max
Off-leakage current (max) ...................
0.6 µA typ
Counter
Number of counters ............................
1 (P1.7 can be configured as
a counter)
Resolution ...........................................
32 bits
Counter measurements.......................
rising edge counting
Maximum input frequency..................
5 kHz
Minimum high pulse width.................
20 µs
Minimum low pulse width..................
180 µs
Bus Interface
USB specification................................
USB 2.0 full-speed (12 Mb/s)
Power Requirements
Input voltage .......................................
4.5 to 5.25 VDC in configured
state
Active current......................................
150 mA max
Suspend current ..................................
350 µA typ
Physical Characteristics
Dimensions
Without connectors ........................
6.35 by 8.51 by 2.31 cm
(2.50 by 3.35 by 0.91 in.)
With connectors .............................
8.18 by 8.51 by 2.31 cm
(3.22 by 3.35 by 0.91 in.)
I/O connectors.....................................
USB series B receptacle,
(2) 16 position (screw terminal)
plug headers
Screw-terminal wiring ........................
16 to 28 AWG copper conductor
wire with 10 mm (0.39 in.) of
insulation stripped from the end
Torque for screw terminals.................
0.22 to 0.25 N · m
(2.0 to 2.2 lb in.)
Weight
With connectors .............................
Approx. 87 g (3.1 oz)
Without connectors ........................
Approx. 64 g (2.3 oz)
Isolation
Channel-to-channel ............................
60 VDC continuous
Channel-to-earth ground ....................
60 VDC continuous
Withstand ..........................................
60 VDC continuous
Note: Do not use this module for connection to signals or for
measurements within Measurement Categories II, III, or IV.
Environment
NI 6528 and PXI-6529 devices are intended for indoor use only.
Pollution degree (IEC-60664) .............
2
Operating Environment
Ambient temperature .........................
0 to 55 °C
Relative humidity ................................
10 to 90%, noncondensing
Maximum altitude ..............................
2,000 m at 25 °C ambient
temperature
(tested in accordance with IEC-60068-2-1, IEC-60068-2-2, and IEC-60068-2-56)
Storage Environment
Ambient temperature .........................
-40 to 85 °C
Relative humidity ...............................
5% to 95%, noncondensing
(tested in accordance with IEC-60068-2-1, IEC-60068-2-2, and IEC-60068-2-56)
Safety and Compliance
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label
or visit ni.com/certification, search by model number or product line,
and click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control,
and laboratory use:
• EN 61326 EMC requirements; Minimum Immunity
• EN 55011 Emissions; Group 1, Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
Level
Min
Max
Input low voltage
-60 VDC
1 VDC
Input high voltage
3.2 VDC
60 VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com