Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC103IYPT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC103IYPT
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IYPT Datasheet(HTML) 5 Page - STMicroelectronics

  TSC103IYPT Datasheet HTML 1Page - STMicroelectronics TSC103IYPT Datasheet HTML 2Page - STMicroelectronics TSC103IYPT Datasheet HTML 3Page - STMicroelectronics TSC103IYPT Datasheet HTML 4Page - STMicroelectronics TSC103IYPT Datasheet HTML 5Page - STMicroelectronics TSC103IYPT Datasheet HTML 6Page - STMicroelectronics TSC103IYPT Datasheet HTML 7Page - STMicroelectronics TSC103IYPT Datasheet HTML 8Page - STMicroelectronics TSC103IYPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TSC103
Application schematic and pin description
Doc ID 16873 Rev 1
5/23
Figure 3.
Common-mode versus supply voltage in dual-supply configuration
Table 1 describes the function of each pin. Their position is shown in the illustration on the
cover page and in Figure 1 on page 3.
Table 1.
Pin description
Symbol
Type
Function
Out
Analog output
The Out voltage is proportional to the magnitude of the sense
voltage Vp-Vm.
Gnd
Power supply
Ground line.
Vcc+
Power supply
Positive power supply line.
Vcc-
Power supply
Negative power supply line.
Vp
Analog input
Connection for the external sense resistor. The measured current
enters the shunt on the Vp side.
Vm
Analog input
Connection for the external sense resistor. The measured current
exits the shunt on the Vm side.
SEL1
Digital input
Gain-select pin.
SEL2
Digital input
Gain-select pin.
Max = 70 V
min = 2.9 V
Max = 65 V
min = -2.1 V
Vcc- = 0 V
Vcc- = -5 V
Max = 60 V
min = -7.1 V
Vcc- = -10 V
Single-supply
Dual-supply
Vicm
common-mode voltage
operating range
AM04519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com