Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FPB Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # FPB
Description  MAGNETIC SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

FPB Datasheet(HTML) 1 Page - SHIELD s.r.l.

  FPB Datasheet HTML 1Page - SHIELD s.r.l. FPB Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
circuit description | descrizione circuito
on
off
[ms]
switching time | commutazione
housing material | materiale custodia
[°C]
temperature | temperatura
other data
altri dati
welding disturbance | disturbi da saldatura
corrosion resistance | resistenza corrosione
short circuit | corto circuito
polarity reversal | inversione polarità
protezione
protection
degree |
(IEC 60529)
grado
max current | corrente max
[W]
max power | potenza max
[mA]
@10mA
[V]
voltage drop | caduta tensione
[V]
dc
[V]
ac
dati elettrici
ratings
supply | alimentazione
signal | segnale
colore led
led colour
collegamento
wires | fili
output | uscita
wiring diagram
switching logic | tipo contatto
MAGNETIC SWITCHES - INTERRUTTORI MAGNETICI
www.shield.net
electronic (magneto-resistance)
reed
pvc
cavo
cable
pur
ral 9005
ral 7001
ral 9005
ral 7035
N107
N112
C145
C144
S131
material
colour
max temp. description
materiale
colore
temp. max
descrizione
90°
90°
80°
80°
120°
armoured stainless steel
armato inox
grigio
grey
grigio
grey
nero
black
nero
black
pvc
CEI 20-22 II
A
pur
pvc
ral 9005
N108
90°
nero
black
overcurrent
transients
transitori
extracorrente
overvoltage
transients
transitori
extra tensione
4-6
(atex)
explosion | esplosione
F86E2T
400A60
F87E2T F88E2M F89E2M F90E2M F86E2T
400A60 418A6T 419A3T 800C60 800C60 818C6T 819C3T 900S60
-
-
-
0,2
0,5
0,2
0,2
0,2
0,2
0,2
0,5
0,5
0,5
0,5
0,5
0,5
0,5
0,5
-
-
-
PA
PA
PA
PA
PA
PA
PA
PA
PA
PA
PA
PA
PA
PA
PA
-
-
-
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
0,1
-
-
-
-20+70
-20+70
-20+70 -20+70 -20+70 -20+70 -20+55
-20+120 -20+70 -20+70 -20+70 -20+120 -20+70 -20+70 -20+70
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3GD
-
-
-
-
-
-
-
-
-
-
-
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
-
-
-
-
-
-
1
1
1
-
-
-
-
-
-
-
-
-
-
-
-
1
1
1
1
1
1
1
1
1
-
1
1
1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1
1
1
-
-
1
1
-
-
1
1
-
-
-
-
IP68
IP68
IP68
IP68
IP68
IP68
IP68
IP65
IP68
IP68
IP68
IP65
IP68
IP68
IP68
-
-
-
6
10
6
3
3
3
6
10
10
10
20
20
20
20
20
-
-
-
200
500
200
100
100
100
60
500
50
50
1000
1000
50
50
1000
-
-
-
0,8
0,1
0,8
0,8
0,8
0,8
0,8
0,1
3,2
0,5
0,1
0,1
3,2
0,5
0,1
-
-
-
10...30
3...130
10...30 10...30 10...30 10...30 10...30
3...130 3...130
5...30
3...130 3...130 3...130
5...30
3...130
-
-
-
-
3...130
-
-
-
-
-
3...130 3...130
-
3...130 3...130 3...130
-
3...130
-
-
-
-
-
-
green
green
green
-
-
-
-
-
-
-
-
-
-
-
-
yellow
-
yellow
yellow yellow yellow
yellow
-
yellow
yellow
-
-
yellow
yellow
-
-
-
-
3
2
3
3
3
3
3
2
2
3
2
2
2
3
3
-
-
-
PNP
-
NPN
PNP
PNP
NPN
PNP
-
-
PNP
-
-
-
PNP
-
-
-
-
2
1
3
2
2
3
2
1
1
2
1
1
1
2
4
-
-
-
1
1
2
1
1
1
1
1
1
1
2
2
2
2
3
-
-
-
U
F2003
F2009
F2015
U
F2000
U
U
U
V
U
F2004
F2010
F2016
U
U
F2005
F2011
F2017
U
U
F2006
F2012
F2018
U
U
F2007
F2013
F2019
U
U
F2041
U
U
U
F2001
U
U
U
F2022
F2002
U
U
U
V
U
F2008
F2014
F2020
U
F2043
U
U
U
V
F2023
U
U
U
F2032
F2024
U
U
U
V
U
F2025
F2027
F2029
U
U
F2026
F2028
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
F2030
U
FPB
F2033
F2034
F2035
F2036
F2037
U
U
U
U
F2038
U
U
U
F2039
F2040
-
-
-
Mounting holes for fixed position (not adjustable).
Small dimensions.
Long electrical life.
Body material: Polyamide.
Centre of the sensitive area: electronic, T = 5 mm; reed, T = 8 mm
Fori di fissaggio per posizione fissa (non regolabile).
Piccole dimensioni.
Lunga vita elettrica.
Materiale del corpo: Poliammide
Centro della zona sensibile: elettronico, T = 5 mm; reed, T = 8 mm
3-FPB-1


Similar Part No. - FPB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPB ETC2-FPB Datasheet
198Kb / 2P
Resin Coated Metallized Film Capacitors
logo
SAB North America
FPB-11 SAB-FPB-11 Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FPB-11R SAB-FPB-11R Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FPB-13 SAB-FPB-13 Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FPB-13R SAB-FPB-13R Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
More results

Similar Description - FPB

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FBV SHIELD-FBV Datasheet
219Kb / 2P
MAGNETIC SWITCHES
FEK SHIELD-FEK Datasheet
255Kb / 2P
MAGNETIC SWITCHES
FFV SHIELD-FFV Datasheet
289Kb / 2P
MAGNETIC SWITCHES
FPA SHIELD-FPA Datasheet
287Kb / 2P
MAGNETIC SWITCHES
FPI SHIELD-FPI Datasheet
289Kb / 2P
MAGNETIC SWITCHES
FPL SHIELD-FPL Datasheet
272Kb / 2P
MAGNETIC SWITCHES
FPM SHIELD-FPM Datasheet
277Kb / 2P
MAGNETIC SWITCHES
FPV SHIELD-FPV Datasheet
307Kb / 2P
MAGNETIC SWITCHES
FSV SHIELD-FSV Datasheet
266Kb / 2P
MAGNETIC SWITCHES
FTV SHIELD-FTV Datasheet
275Kb / 2P
MAGNETIC SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com