Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F463APMC Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90F463APMC
Description  16-bit Proprietary Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F463APMC Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F463APMC Datasheet HTML 17Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 18Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 19Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 20Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 21Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 22Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 23Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 24Page - fujitsu semiconductor MB90F463APMC Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
MB90460/465 Series
DS07-13714-2E
21
(Continued)
Address
Abbrevia-
tion
Register
Byte
access
Word
access
Resource
name
Initial value
000020H
SMR0
Serial mode register 0
R/W
R/W
UART0
00000000B
000021H
SCR0
Serial control register 0
R/W
R/W
00000100B
000022H
SIDR0 /
SODR0
Input data register 0 /
output data register 0
R/W
R/W
XXXXXXXXB
000023H
SSR0
Serial status register 0
R/W
R/W
00001000B
000024H
SMR1
Serial mode register 1
R/W
R/W
UART1
00000000B
000025H
SCR1
Serial control register 1
R/W
R/W
00000100B
000026H
SIDR1 /
SODR1
Input data register 1 /
output data register 1
R/W
R/W
XXXXXXXXB
000027H
SSR1
Status register 1
R/W
R/W
00001000B
000028H
PWCSL1
PWC control status register CH1
R/W
R/W
PWC timer
(CH1)
00000000B
000029H
PWCSH1
R/W
R/W
00000000B
00002AH
PWC1
PWC data buffer register CH1
⎯
R/W
XXXXXXXXB
00002BH
XXXXXXXXB
00002CH
DIV1
Divide ratio control register CH1
R/W
R/W
------00B
00002DH
to 2FH
Prohibited area
000030H
ENIR
Interrupt / DTP enable register
R/W
R/W
DTP/external
interrupt
00000000B
000031H
EIRR
Interrupt / DTP cause register
R/W
R/W
XXXXXXXXB
000032H
ELVRL
Request level setting register
(Lower Byte)
R/W
R/W
00000000B
000033H
ELVRH
Request level setting register
(Higher Byte)
R/W
R/W
00000000B
000034H
ADCS0
A/D control status register 0
R/W
R/W
8/10-bit A/D
converter
00000000B
000035H
ADCS1
A/D control status register 1
R/W
R/W
00000000B
000036H
ADCR0
A/D data register 0
R
R
XXXXXXXXB
000037H
ADCR1
A/D data register 1
R/W
R/W
00000-XXB
000038H
PDCR0
PPG0 down counter register
⎯
R
16-bit
PPG timer
(CH0)
11111111B
000039H
11111111B
00003AH
PCSR0
PPG0 period setting register
⎯
W
XXXXXXXXB
00003BH
XXXXXXXXB
00003CH
PDUT0
PPG0 duty setting register
⎯
W
XXXXXXXXB
00003DH
XXXXXXXXB
00003EH
PCNTL0
PPG0 control status register
R/W
R/W
--000000B
00003FH
PCNTH0
R/W
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com