Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPF Datasheet(PDF) 50 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 50 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 46Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 47Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 48Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 49Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 50Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 51Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 52Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 53Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 54Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
MB90480B/485B Series
50
DS07-13722-11E
8.
16-bit Input/Output Timer
The 16-bit input/output timer module is composed of one 16-bit free-run timer, six output compare and two input
capture modules. These functions can be used to output six independent wave form based on the 16-bit free-
run timer, enabling input pulse width measurement and external clock frequency measurement.
• Register List
• 16-bit free-run timer
• 16-bit output compare
• 16-bit input capture
CPCLR
15
0
000066/67H
000062/63H
000064/65H
TCDT
TCCS
Compare-clear register
Timer counter data register
Timer counter control status
register
OCCP0 to OCCP5
15
0
OCS0/2/4
OCS1/3/5
00004A/4C/4E/50/52/54H
00004B/4D/4F/51/53/55H
000056/58/5AH
000057/59/5BH
Output compare registers
Output compare control
registers
IPCP0, IPCP1
15
0
ICS01
00005C/5EH
00005D/5FH
000060H
Input capture data
registers
Input capture control status
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com