Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90583C Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 45Page - fujitsu semiconductor MB90583C Datasheet HTML 46Page - fujitsu semiconductor MB90583C Datasheet HTML 47Page - fujitsu semiconductor MB90583C Datasheet HTML 48Page - fujitsu semiconductor MB90583C Datasheet HTML 49Page - fujitsu semiconductor MB90583C Datasheet HTML 50Page - fujitsu semiconductor MB90583C Datasheet HTML 51Page - fujitsu semiconductor MB90583C Datasheet HTML 52Page - fujitsu semiconductor MB90583C Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
MB90580C Series
DS07-13710-7E
49
7.
16-bit I/O timer
The 16-bit I/O timer module consists of one 16-bit free run timer, four input capture circuits, and two output
comparators. This module allows two independent waveforms to be output on the basis of the 16-bit free run
timer. Input pulse width and external clock periods can, therefore, be measured.
(1) 16-bit free-run timer (1 channel)
The 16-bit free run timer consists of a 16-bit up-counter, a control register, and a prescaler. The value output
from this timer/counter is used as the base time for the input capture and output compare modules.
• Counter operation clock (Selectable from among the following four)
Four internal clock cycles:
φ/4, φ/16, φ/64, φ/256
φ: Machine clock
• Interrupts
An interrupt can be generated when the 16-bit free-run timer causes a counter overflow or by compare/match
operation with compare register 0. (The compare/match operation requires the mode setting).
• Counter value
An interrupt can be generated when the 16-bit free-run timer causes a counter overflow or when a match with
compare register 0 occurs (The compare/match function can be used by the appropriate mode setting).
• Initialization
The counter value can be initialized to “0000H” at a reset, soft clear operation, or a match with compare register
0.
(2) Output compare module (2 channels)
The output compare module consists of two 16-bit compare registers, compare output latches, and control
registers. When the 16-bit free-run timer value matches the compare register value, this module generates an
interrupt while inverting the output level.
• Two compare registers can operate independently.
Output pin and interrupt flag for each compare register
• A pair of compare registers can be used to control the output pin.
Two compare registers can be used to invert the output pin polarity.
• The initial value for each output pin can be set.
• An interrupt can be generated by compare/match operation.
(3) Input capture module (4 channels)
The input capture module consists of capture registers and control registers respectively associated with four
independent external input pins. This module can hold the 16-bit free run timer value in the capture register. In
addition, it can detect an arbitrary edge of the signal input from each external input pin to generate an interrupt.
• The external input signal edge to be detected can be selected.
One or both of the rising and falling edges can be selected.
• Four input capture channels can operate independently.
• An interrupt can be generated at a valid edge of the external input signal.
The extended intelligent I/O service can be activated by the interrupt by the input capture module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com