Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90553APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90553APF
Description  16-bit Proprietary Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90553APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90553APF Datasheet HTML 9Page - fujitsu semiconductor MB90553APF Datasheet HTML 10Page - fujitsu semiconductor MB90553APF Datasheet HTML 11Page - fujitsu semiconductor MB90553APF Datasheet HTML 12Page - fujitsu semiconductor MB90553APF Datasheet HTML 13Page - fujitsu semiconductor MB90553APF Datasheet HTML 14Page - fujitsu semiconductor MB90553APF Datasheet HTML 15Page - fujitsu semiconductor MB90553APF Datasheet HTML 16Page - fujitsu semiconductor MB90553APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
MB90550A/550B Series
DS07-13706-6E
13
(Continued)
Type
Circuit
Remarks
E
• CMOS level output
• CMOS level input
• Standby control provided
F
• CMOS level output
• CMOS level hysteresis input
• Open-drain control provided
G
• N-channel open-drain output
• CMOS level hysteresis input
• Standby control provided
Note: Unlike normal CMOS I/O pins, this
pin is not provided with any P-channel
transistor. Therefore the pin does not allow
a current to flow to the Vcc side even when
applied with a voltage from an external
device with the IC’s power supply left off.
H
• CMOS level output
• CMOS level hysteresis input
• Standby control provided
• Analog input
HARD,SOFT
STANDBY
CONTROL
Digital output
Digital output
Digital input
HARD,SOFT
STANDBY
CONTROL
Digital input
Digital input
Open- drain
control
signal
HARD,SOFT
STANDBY
CONTROL
Digital output
Digital input
HARD,SOFT
STANDBY
CONTROL
A/D
DISABLE
Digital output
Digital output
Analog input
Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com