Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90561APF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90561APF
Description  16-bit Proprietary Microcontrollers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90561APF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90561APF Datasheet HTML 17Page - fujitsu semiconductor MB90561APF Datasheet HTML 18Page - fujitsu semiconductor MB90561APF Datasheet HTML 19Page - fujitsu semiconductor MB90561APF Datasheet HTML 20Page - fujitsu semiconductor MB90561APF Datasheet HTML 21Page - fujitsu semiconductor MB90561APF Datasheet HTML 22Page - fujitsu semiconductor MB90561APF Datasheet HTML 23Page - fujitsu semiconductor MB90561APF Datasheet HTML 24Page - fujitsu semiconductor MB90561APF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
MB90560/565 Series
DS07-13715-5E
21
■ I/O MAP
(Continued)
Address
Abbreviat-
ed Register
Name
Register name
Read/
Write
Resource Name
Initial Value
000000H
PDR0
Port 0 data register
R/W
Port 0
XXXXXXXXB
000001H
PDR1
Port 1 data register
R/W
Port 1
XXXXXXXXB
000002H
PDR2
Port 2 data register
R/W
Port 2
XXXXXXXXB
000003H
PDR3
Port 3 data register
R/W
Port 3
XXXXXXXXB
000004H
PDR4
Port 4 data register
R/W
Port 4
XXXXXXXXB
000005H
PDR5
Port 5 data register
R/W
Port 5
XXXXXXXXB
000006H
PDR6
Port 6 data register
R/W
Port 6
XXXXXXXXB
000007H
to
00000FH
Access prohibited
000010H
DDR0
Port 0 direction register
R/W
Port 0
0 0 0 0 0 0 0 0B
000011H
DDR1
Port 1 direction register
R/W
Port 1
0 0 0 0 0 0 0 0B
000012H
DDR2
Port 2 direction register
R/W
Port 2
0 0 0 0 0 0 0 0B
000013H
DDR3
Port 3 direction register
R/W
Port 3
0 0 0 0 0 0 0 0B
000014H
DDR4
Port 4 direction register
R/W
Port 4
X 0 0 0 0 0 0 0B
000015H
DDR5
Port 5 direction register
R/W
Port 5
0 0 0 0 0 0 0 0B
000016H
DDR6
Port 6 direction register
R/W
Port 6
XXXX 0 0 0 0B
000017H
ADER
Analog input enable register
R/W
Port 5,
A/D converter
1 1 1 1 1 1 1 1B
000018H
to
00001FH
Access prohibited
000020H
SMR0
Mode register ch0
R/W
UART0
0 0 0 0 0 X 0 0B
000021H
SCR0
Control register ch0
W, R/W
0 0 0 0 0 1 0 0B
000022H
SIDR0
Input data register ch0
R
XXXXXXXXB
SODR0
Output data register ch0
W
000023H
SSR0
Status register ch0
R, R/W
0 0 0 0 1 0 0 0B
000024H
SMR1
Mode register ch1
R/W
UART1
0 0 0 0 0 X 0 0B
000025H
SCR1
Control register ch1
W, R/W
0 0 0 0 0 1 0 0B
000026H
SIDR1
Input data register ch1
R
XXXXXXXXB
SODR1
Output data register ch1
W
000027H
SSR1
Status register ch1
R, R/W
0 0 0 0 1 0 0 0B
000028H
Access prohibited
000029H
CDCR0
Communication prescaler
control register ch0
R/W
Communication
prescaler
0 XXX 0 0 0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com