Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90T552APMC Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB90T552APMC
Description  16-bit Proprietary Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90T552APMC Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB90T552APMC Datasheet HTML 45Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 46Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 47Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 48Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 49Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 50Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 51Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 52Page - fujitsu semiconductor MB90T552APMC Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
MB90550A/550B Series
DS07-13706-6E
49
5.
A/D Converter
(1)
Electrical Characteristics
(4.5 V
≤ AVRH − AVRL, VCC = AVCC = 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*1: When FCP = 8 MHz, tCMP = 176
× tCP. When FCP = 16 MHz, tCMP = 352 × tCP.
*2: Equivalent to the time for conversion per channel if “tSMP = 64
× tCP” or “tCMP = 352 × tCP” is selected when FCP =
16 MHz.
*3: Specifies the power-supply current (Vcc = AVcc = AVRH = 5.0 V) when the A/D converter is inactive and the
CPU has been stopped.
Notes: • The error becomes larger relatively as |AVRH-AVRL| becomes smaller.
• Use the output impedance rS of the external circuit for analog input under the following condition:
External circuit output impedance rS = 10 k
Ω Max.
• If the output impedance of the external circuit is too high, the analog voltage sampling time may be
insufficient.
• If you insert a DC-blocking capacitor between the external circuit and the input pin, select a capacitance
that is about several thousands times the sampling capacitance CSH in the chip to suppress the effect of
capacity potential division with CSH.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
—
—
—
10
—
bit
Total error
—
—
—
—
±5.0
LSB
Non-linearity error
—
—
—
—
±2.5
LSB
Differential linearity error
—
—
—
—
±1.9
LSB
Zero transition voltage
VOT
AN0 to AN7
AVRL
−
3.5LSB
AVRL
+
0.5LSB
AVRL
+
4.5LSB
V
1LSB=
(AVRH
−AVRL)
/1024
Full-scale transition
voltage
VFST
AN0 to AN7
AVRH
−
6.5LSB
AVRH
−
1.5LSB
AVRH
+
1.5LSB
V
Sampling period
tSMP
—
64
—
4096
tCP
Compare time
tCMP
—22
—
—
µs
*1
A/D Conversion time
tCNV
—26.3
—
—
µs
*2
Analog port input current
IAIN
AN0 to AN7
—
—
10
µA
Analog input voltage
VAIN
AN0 to AN7
AVRL
—
AVRH
V
Reference voltage
—
AVRH
AVRL
+ 4.5
—
AVCC
V
—
AVRL
0
—
AVRH
− 4.5
V
Power supply current
IA
AVCC
—3.5
7.0
mA
IAH
——
5
µA
*3
Reference voltage
supply current
IR
AVRH
—
300
500
µA
IRH
——
5
µA
*3
Offset between channels
—
AN0 to AN7
—
—
4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com