Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F583CAPF Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB90F583CAPF
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F583CAPF Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB90F583CAPF Datasheet HTML 25Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 27Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 28Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 29Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 32Page - fujitsu semiconductor MB90F583CAPF Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
MB90580C Series
DS07-13710-7E
29
(Continued)
Address
Register name
Abbreviated
register
name
Read/
write
Resource name
Initial value
40H
Reload register L (ch.0)
PRLL0
R/W
8/16 bit
PPG0/1
XXXXXXXXB
41H
Reload register H (ch.0)
PRLH0
R/W
XXXXXXXXB
42H
Reload register L (ch.1)
PRLL1
R/W
XXXXXXXXB
43H
Reload register H (ch.1)
PRLH1
R/W
XXXXXXXXB
44H
PPG0 operating mode control
register
PPGC0
R/W
0 X 0 0 0 X X 1B
45H
PPG1 operating mode control
register
PPGC1
R/W
0 X 0 0 0 0 0 1B
46H
PPG0 and 1 operating output control
registers
PPGOE
R/W
0 0 0 0 0 0 0 0B
47H
(Disabled)
48H
Timer control status register lower
TMCSR0
R/W
16 bit
reload timer 0
0 0 0 0 0 0 0 0B
49H
Timer control status register upper
− − − − 0 0 0 0B
4AH
16 bit timer register lower/
16 bit reload register lower
TMR0/
TMRLR0
R/W
XXXXXXXXB
4BH
16 bit timer register upper/
16 bit reload register upper
XXXXXXXXB
4CH
Timer control status register lower
TMCSR1
R/W
16 bit
reload timer 1
0 0 0 0 0 0 0 0B
4DH
Timer control status register upper
− − − − 0 0 0 0B
4EH
16bit timer register lower/
16 bit reload register lower
TMR1/
TMRLR1
R/W
XXXXXXXXB
4FH
16 bit timer register upper/
16 bit reload register upper
XXXXXXXXB
50H
Timer control status register lower
TMCSR2
R/W
16 bit
reload timer 2
0 0 0 0 0 0 0 0B
51H
Timer control status register upper
− − − − 0 0 0 0B
52H
16 bit timer register lower/
16 bit reload register lower
TMR2/
TMRLR2
R/W
XXXXXXXXB
53H
16 bit timer register upper/
16 bit reload register upper
XXXXXXXXB
54H
PWC control status register lower
PWCSR
R/W
or R
16 bit
PWC timer
0 0 0 0 0 0 0 0B
55H
PWC control status register upper
0 0 0 0 0 0 0 0B
56H
PWC data buffer register lower
PWCR
R/W
XXXXXXXXB
57H
PWC data buffer register upper
XXXXXXXXB
58H
Divide ratio control register
DIVR
R/W
− − − − − − 0 0B
59H
(Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com