Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT4232H Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT4232H_10 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
39
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.09
Clearance No.: FTDI#78
SYMBOL
MIN
NOM
MAX
D
11.8
12
12.2
D1
9.9
10
10.1
E
11.8
12
12.2
E1
9.9
10
10.1
b
0.17
0.22
0.27
c
0.09
0.2
b1
0.17
0.2
0.23
c1
0.09
0.16
e
0.5 BSC
Table 8.1 64 pin LQFP Package Details – dimensions (in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com