Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WSC28X0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WSC28X0
Description  24-bit interface in total, Pixel sample rate up to 165M pixels/sec
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WSC28X0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WSC28X0 Datasheet HTML 1Page - List of Unclassifed Manufacturers WSC28X0 Datasheet HTML 2Page - List of Unclassifed Manufacturers WSC28X0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mar 2009 Edition 2.0
WSC2800/2810 Advanced Video Format Converter
ChengDu WestStarChips Co., Ltd.
- 7 -
g Support multi-region, non-linear scalar
g Poly-phase programmable scalar filter
g Muti-window (4, 9, 16)
g Conversion between 4:3 and 16:9 aspects
g Zoom and panning for user-defined area
g Muti-region keystone correction
g Interlace scalar phase correction
g 16-bit DDR SDRAM memory address up to 32M byte (32M x 16bit)
g Memory clock speed up to 200 MHz (T.B.D.)
*1 Available in WSC2810 only
*2 Available in WSC2800 only
*3 For analog output, consider of the panel limitation, digital output will be up to 1366x768
1.3 System Block Diagram
Figure 1-1 System Block Diagram
*1 Refer to Chapter 5 OSD Engine for details.
Video
Input
DRAM Controller
Video
Front
Engine
EOSD Engine
Pre-
Scalar
De-interlacer
/ Scalar
Video
Back
Engine
PBus
Controller
M-Bus
P-Bus
DDR1 SDRAM (8M-Byte, 16-bit)
General
Controller
SPI Flash
(Optional
*1)
Video
Output
WSC2800 /
WSC2810 LSI
Data Path
Control Path



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com