Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8034T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8034T
Description  Smart card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8034T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8034T Datasheet HTML 9Page - NXP Semiconductors TDA8034T Datasheet HTML 10Page - NXP Semiconductors TDA8034T Datasheet HTML 11Page - NXP Semiconductors TDA8034T Datasheet HTML 12Page - NXP Semiconductors TDA8034T Datasheet HTML 13Page - NXP Semiconductors TDA8034T Datasheet HTML 14Page - NXP Semiconductors TDA8034T Datasheet HTML 15Page - NXP Semiconductors TDA8034T Datasheet HTML 16Page - NXP Semiconductors TDA8034T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TDA8034T_TDA8034AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2.0. — 12 November 2010
13 of 29
NXP Semiconductors
TDA8034T; TDA8034AT
Smart card interface
If pin CMDVCCN is HIGH for more than 30 ms (card inactive), and if the card needs to be
activated at 3 V, the sequence shown in Figure 12 applies: pin CMDVCCN must be set
LOW for t1 (200
μs < t1 < 700 μs), and then HIGH for t2 (200 μs < t2 < 15 ms) before
going LOW.
9.
Limiting values
Remark: All card contacts are protected against any short-circuit to any other card
contact. Stress beyond the levels indicated in Table 5 can cause permanent damage to
the device. This is a short-term stress rating only and under no circumstances implies
functional operation under long-term stress conditions.
10. Thermal characteristics
Fig 12. Card activation, VCC = 3 V, t0 > 15 ms
001aal000
CMDVCCN
3 V or 5 V
3 V
t0
VCC
t1
t2
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDP
power supply voltage
pin VDDP
−0.3
+6
V
VDD
supply voltage
pin VDD
−0.3
+4.6
V
VDD(INTF)
interface supply voltage
pin VDD(INTF)
−0.3
+4.6
V
VI
input voltage
pins CMDVCCN, CLKDIV1, RSTIN, OFFN,
XTAL1, XTAL2, I/OUC
−0.3
+4.6
V
card contact pins PRESN, I/O, RST and
CLK
−0.3
+6
V
Tstg
storage temperature
−55
+150
°C
Ptot
total power dissipation
Tamb = −25 °C to +85 °C
-
0.25
W
Tj
junction temperature
-
+125
°C
Tamb
ambient temperature
−25
+85
°C
VESD
electrostatic discharge voltage
Human Body Model (HBM) on card pins I/O,
RST, VCC, CLK, PRESN; within typical
application
−6+6
kV
Human Body Model (HBM); all other pins
−2+2
kV
Machine Model (MM); all pins
−200
+200
V
Field Charged Device Model (FCDM);
all pins
−500
+500
V
Table 6.
Thermal characteristics
Symbol
Package name
Parameter
Conditions
Typ
Unit
Rth(j-a)
SO16
thermal resistance from junction to ambient
in free air
94
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com