Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA88021 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA88021
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA88021 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA88021 Datasheet HTML 1Page - NXP Semiconductors PCA88021 Datasheet HTML 2Page - NXP Semiconductors PCA88021 Datasheet HTML 3Page - NXP Semiconductors PCA88021 Datasheet HTML 4Page - NXP Semiconductors PCA88021 Datasheet HTML 5Page - NXP Semiconductors PCA88021 Datasheet HTML 6Page - NXP Semiconductors PCA88021 Datasheet HTML 7Page - NXP Semiconductors PCA88021 Datasheet HTML 8Page - NXP Semiconductors PCA88021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
4 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
7.2 Pin description
8.
Device protection diagram
Table 3.
Pin description for PCA8802
Symbol
Pin
Description
INT
1
interrupt and test mode output, push-pull
VDD
2
supply voltage
TEST
3
test pin; must be connected to VSS
OSCO
4
oscillator output
OSCI
5
oscillator input
VSS
6
ground
SCL
7
serial interface, clock
SDA
8
serial interface, bidirectional data line; push-pull
Fig 4.
Diode protection diagram
001aaj167
OSCI
OSCO
TEST
SCL
SDA
VDD
VSS
INT
PCA8802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com