Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA3718SP Datasheet(PDF) 14 Page - STMicroelectronics

Part # TEA3718SP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TEA3718SP Datasheet HTML 10Page - STMicroelectronics TEA3718SP Datasheet HTML 11Page - STMicroelectronics TEA3718SP Datasheet HTML 12Page - STMicroelectronics TEA3718SP Datasheet HTML 13Page - STMicroelectronics TEA3718SP Datasheet HTML 14Page - STMicroelectronics TEA3718SP Datasheet HTML 15Page - STMicroelectronics TEA3718SP Datasheet HTML 16Page - STMicroelectronics TEA3718SP Datasheet HTML 17Page - STMicroelectronics TEA3718SP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Functional blocks
14/26
4.1
Alarm output (TEA3718SP, TEA3718DP and TEA3718SDP)
The ALARM output pin becomes low when the junction temperature reaches T
° C. When an
alarm condition occurs, parts of the supply voltage (dividing bridge R - RC) is fed to the
comparator input pin (
Figure 16). Depending on the RC value the behavior of the circuit on
an alarm condition is as follows:
●
RC > 80 ohms, the output stage is switched off
●
RC > 60 ohms, the current in the motor windings is reduced according to the
approximate formula: (see also
Figure 18 and Figure 19)
with VTH = threshold of the comparator (VCH, VCM, VCL) R = 700 ohms (typical).
For several Multiwatt packages a common detection can be obtained as in
Figure 17.
Figure 16.
Alarm detection for power DIP package
Im
VTH
RS
----------
VCC
RRC
+
------------------
RC
RS
--------
•
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com