Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 141Page - Microchip Technology PIC24FJ16GA Datasheet HTML 142Page - Microchip Technology PIC24FJ16GA Datasheet HTML 143Page - Microchip Technology PIC24FJ16GA Datasheet HTML 144Page - Microchip Technology PIC24FJ16GA Datasheet HTML 145Page - Microchip Technology PIC24FJ16GA Datasheet HTML 146Page - Microchip Technology PIC24FJ16GA Datasheet HTML 147Page - Microchip Technology PIC24FJ16GA Datasheet HTML 148Page - Microchip Technology PIC24FJ16GA Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 143
PIC24FJ64GA004 FAMILY
15.0 INTER-INTEGRATED CIRCUIT
(I2C™)
The Inter-Integrated Circuit™ (I2C™) module is a serial
interface useful for communicating with other periph-
eral or microcontroller devices. These peripheral
devices may be serial EEPROMs, display drivers, A/D
Converters, etc.
The I2C module supports these features:
• Independent master and slave logic
• 7-bit and 10-bit device addresses
• General call address, as defined in the I2C protocol
• Clock stretching to provide delays for the
processor to respond to a slave data request
• Both 100 kHz and 400 kHz bus specifications.
• Configurable address masking
• Multi-Master modes to prevent loss of messages
in arbitration
• Bus Repeater mode, allowing the acceptance of
all messages as a slave regardless of the address
• Automatic SCL
A block diagram of the module is shown in Figure 15-1.
15.1
Peripheral Remapping Options
The I2C modules are tied to fixed pin assignments, and
cannot be reassigned to alternate pins using peripheral
pin select. To allow some flexibility with peripheral
multiplexing, the I2C1 module in all devices, can be
reassigned to the alternate pins, designated as ASCL1
and ASDA1 during device configuration.
Pin assignment is controlled by the I2C1SEL Configu-
ration bit; programming this bit (= 0) multiplexes the
module to the ASCL1 and ASDA1 pins.
15.2
Communicating as a Master in a
Single Master Environment
The details of sending a message in Master mode
depends on the communications protocol for the device
being communicated with. Typically, the sequence of
events is as follows:
1.
Assert a Start condition on SDAx and SCLx.
2.
Send the I2C device address byte to the slave
with a write indication.
3.
Wait for and verify an Acknowledge from the
slave.
4.
Send the first data byte (sometimes known as
the command) to the slave.
5.
Wait for and verify an Acknowledge from the
slave.
6.
Send the serial memory address low byte to the
slave.
7.
Repeat steps 4 and 5 until all data bytes are
sent.
8.
Assert a Repeated Start condition on SDAx and
SCLx.
9.
Send the device address byte to the slave with
a read indication.
10. Wait for and verify an Acknowledge from the
slave.
11. Enable master reception to receive serial
memory data.
12. Generate an ACK or NACK condition at the end
of a received byte of data.
13. Generate a Stop condition on SDAx and SCLx.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
”Section 24. Inter-Integrated Circuit
(I2C™)” (DS39702).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com