Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 143Page - Microchip Technology PIC24FJ16GA Datasheet HTML 144Page - Microchip Technology PIC24FJ16GA Datasheet HTML 145Page - Microchip Technology PIC24FJ16GA Datasheet HTML 146Page - Microchip Technology PIC24FJ16GA Datasheet HTML 147Page - Microchip Technology PIC24FJ16GA Datasheet HTML 148Page - Microchip Technology PIC24FJ16GA Datasheet HTML 149Page - Microchip Technology PIC24FJ16GA Datasheet HTML 150Page - Microchip Technology PIC24FJ16GA Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 145
PIC24FJ64GA004 FAMILY
15.3
Setting Baud Rate When
Operating as a Bus Master
To compute the Baud Rate Generator reload value, use
Equation 15-1.
EQUATION 15-1:
COMPUTING BAUD RATE
RELOAD VALUE(1)
15.4
Slave Address Masking
The I2CxMSK register (Register 15-3) designates
address bit positions as “don’t care” for both 7-Bit and
10-Bit Addressing modes. Setting a particular bit loca-
tion (= 1) in the I2CxMSK register causes the slave
module to respond whether the corresponding address
bit value is a ‘0’ or a ‘1’. For example, when I2CxMSK
is set to ‘00100000’, the slave module will detect both
addresses, ‘0000000’ and ‘00100000’.
To enable address masking, the IPMI (Intelligent
Peripheral Management Interface) must be disabled by
clearing the IPMIEN bit (I2CxCON<11>).
TABLE 15-1:
I2C™ CLOCK RATES(1)
TABLE 15-2:
I2C™ RESERVED ADDRESSES(1)
I2CxBRG
FCY
FSCL
------------
FCY
10 000 000
,,
------------------------------
–
⎝⎠
⎛⎞ 1
–
=
FSCL
FCY
I2CxBRG 1
FCY
10 000 000
,,
------------------------------
++
----------------------------------------------------------------------
=
or
Note 1: Based on FCY = FOSC/2; Doze mode and
PLL are disabled.
Note:
As a result of changes in the I2C™ proto-
col, the addresses in Table 15-2 are
reserved and will not be Acknowledged in
Slave mode. This includes any address
mask settings that include any of these
addresses.
Required
System
FSCL
FCY
I2CxBRG Value
Actual
FSCL
(Decimal)
(Hexadecimal)
100 kHz
16 MHz
157
9D
100 kHz
100 kHz
8 MHz
78
4E
100 kHz
100 kHz
4 MHz
39
27
99 kHz
400 kHz
16 MHz
37
25
404 kHz
400 kHz
8 MHz
18
12
404 kHz
400kHz
4MHz
9
9
385kHz
400kHz
2MHz
4
4
385kHz
1 MHz
16 MHz
13
D
1.026 MHz
1MHz
8MHz
6
6
1.026MHz
1MHz
4MHz
3
3
0.909MHz
Note 1:
Based on FCY = FOSC/2, Doze mode and PLL are disabled.
Slave
Address
R/W
Bit
Description
0000 000
0
General Call Address(2)
0000 000
1
Start Byte
0000 001
x
Cbus Address
0000 010
x
Reserved
0000 011
x
Reserved
0000 1xx
x
HS Mode Master Code
1111 1xx
x
Reserved
1111 0xx
x
10-Bit Slave Upper Byte(3)
Note 1: The address bits listed here will never cause an address match, independent of the address mask settings.
2: Address will be Acknowledged only if GCEN = 1.
3: Match on this address can only occur on the upper byte in 10-Bit Addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com