Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 168Page - Microchip Technology PIC24FJ16GA Datasheet HTML 169Page - Microchip Technology PIC24FJ16GA Datasheet HTML 170Page - Microchip Technology PIC24FJ16GA Datasheet HTML 171Page - Microchip Technology PIC24FJ16GA Datasheet HTML 172Page - Microchip Technology PIC24FJ16GA Datasheet HTML 173Page - Microchip Technology PIC24FJ16GA Datasheet HTML 174Page - Microchip Technology PIC24FJ16GA Datasheet HTML 175Page - Microchip Technology PIC24FJ16GA Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 170
Preliminary
© 2008 Microchip Technology Inc.
18.1
RTCC Module Registers
The RTCC module registers are organized into three
categories:
• RTCC Control Registers
• RTCC Value Registers
• Alarm Value Registers
18.1.1
REGISTER MAPPING
To limit the register interface, the RTCC Timer and
Alarm Time registers are accessed through corre-
sponding register pointers. The RTCC Value register
window (RTCVALH and RTCVALL) uses the RTCPTR
bits (RCFGCAL<9:8>) to select the desired Timer
register pair (see Table 18-1).
By writing the RTCVALH byte, the RTCC Pointer value,
RTCPTR<1:0> bits, decrement by one until they reach
‘00’. Once they reach ‘00’, the MINUTES and SEC-
ONDS value will be accessible through RTCVALH and
RTCVALL until the pointer value is manually changed.
TABLE 18-1:
RTCVAL REGISTER MAPPING
The Alarm Value register window (ALRMVALH and
ALRMVALL)
uses
the
ALRMPTR
bits
(ALCFGRPT<9:8>) to select the desired Alarm register
pair (see Table 18-2).
By writing the ALRMVALH byte, the Alarm Pointer
value, ALRMPTR<1:0> bits, decrement by one until
they reach ‘00’. Once they reach ‘00’, the ALRMMIN
and ALRMSEC value will be accessible through
ALRMVALH and ALRMVALL until the pointer value is
manually changed.
TABLE 18-2:
ALRMVAL REGISTER
MAPPING
Considering that the 16-bit core does not distinguish
between 8-bit and 16-bit read operations, the user must
be aware that when reading either the ALRMVALH or
ALRMVALL bytes will decrement the ALRMPTR<1:0>
value. The same applies to the RTCVALH or RTCVALL
bytes with the RTCPTR<1:0> being decremented.
18.1.2
WRITE LOCK
In order to perform a write to any of the RTCC Timer
registers, the RTCWREN bit (RCFGCAL<13>) must be
set (refer to Example 18-1).
EXAMPLE 18-1:
SETTING THE RTCWREN BIT
RTCPTR
<1:0>
RTCC Value Register Window
RTCVAL<15:8>
RTCVAL<7:0>
00
MINUTES
SECONDS
01
WEEKDAY
HOURS
10
MONTH
DAY
11
—
YEAR
ALRMPTR
<1:0>
Alarm Value Register Window
ALRMVAL<15:8> ALRMVAL<7:0>
00
ALRMMIN
ALRMSEC
01
ALRMWD
ALRMHR
10
ALRMMNTH
ALRMDAY
11
——
Note:
This only applies to read operations and
not write operations.
Note:
To avoid accidental writes to the timer, it is
recommended that the RTCWREN bit
(RCFGCAL<13>) is kept clear at any
other time. For the RTCWREN bit to be
set, there is only 1 instruction cycle time
window allowed between the 55h/AA
sequence and the setting of RTCWREN;
therefore, it is recommended that code
follow the procedure in Example 18-1.
asm volatile("push w7");
asm volatile("push w8");
asm volatile("disi #5");
asm volatile("mov #0x55, w7");
asm volatile("mov w7, _NVMKEY");
asm volatile("mov #0xAA, w8");
asm volatile("mov w8, _NVMKEY");
asm volatile("bset _RCFGCAL, #13"); //set the RTCWREN bit
asm volatile("pop w8");
asm volatile("pop w7");



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com