Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 172Page - Microchip Technology PIC24FJ16GA Datasheet HTML 173Page - Microchip Technology PIC24FJ16GA Datasheet HTML 174Page - Microchip Technology PIC24FJ16GA Datasheet HTML 175Page - Microchip Technology PIC24FJ16GA Datasheet HTML 176Page - Microchip Technology PIC24FJ16GA Datasheet HTML 177Page - Microchip Technology PIC24FJ16GA Datasheet HTML 178Page - Microchip Technology PIC24FJ16GA Datasheet HTML 179Page - Microchip Technology PIC24FJ16GA Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 174
Preliminary
© 2008 Microchip Technology Inc.
18.1.4
RTCVAL REGISTER MAPPINGS
REGISTER 18-4:
YEAR: YEAR VALUE REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
YRTEN3
YRTEN2
YRTEN1
YRTEN0
YRONE3
YRONE2
YRONE1
YRONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented: Read as ‘0’
bit 7-4
YRTEN3:YRTEN0: Binary Coded Decimal Value of Year’s Tens Digit; Contains a value from 0 to 9
bit 3-0
YRONE3:YRONE0: Binary Coded Decimal Value of Year’s Ones Digit; Contains a value from 0 to 9
Note 1:
A write to the YEAR register is only allowed when RTCWREN = 1.
REGISTER 18-5:
MTHDY: MONTH AND DAY VALUE REGISTER(1)
U-0
U-0
U-0
R-x
R-x
R-x
R-x
R-x
—
—
—
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
bit 15
bit 8
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
DAYTEN1
DAYTEN0
DAYONE3
DAYONE2
DAYONE1
DAYONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12
MTHTEN0: Binary Coded Decimal Value of Month’s Tens Digit; Contains a value of ‘0’ or ‘1’
bit 11-8
MTHONE3:MTHONE0: Binary Coded Decimal Value of Month’s Ones Digit; Contains a value from 0 to 9
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DAYTEN1:DAYTEN0: Binary Coded Decimal Value of Day’s Tens Digit; Contains a value from 0 to 3
bit 3-0
DAYONE3:DAYONE0: Binary Coded Decimal Value of Day’s Ones Digit; Contains a value from 0 to 9
Note 1:
A write to this register is only allowed when RTCWREN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com