Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 177Page - Microchip Technology PIC24FJ16GA Datasheet HTML 178Page - Microchip Technology PIC24FJ16GA Datasheet HTML 179Page - Microchip Technology PIC24FJ16GA Datasheet HTML 180Page - Microchip Technology PIC24FJ16GA Datasheet HTML 181Page - Microchip Technology PIC24FJ16GA Datasheet HTML 182Page - Microchip Technology PIC24FJ16GA Datasheet HTML 183Page - Microchip Technology PIC24FJ16GA Datasheet HTML 184Page - Microchip Technology PIC24FJ16GA Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 179
PIC24FJ64GA004 FAMILY
19.0 PROGRAMMABLE CYCLIC
REDUNDANCY CHECK (CRC)
GENERATOR
The programmable CRC generator offers the following
features:
• User-programmable polynomial CRC equation
• Interrupt output
• Data FIFO
The module implements a software configurable CRC
generator. The terms of the polynomial and its length
can be programmed using the CRCXOR (X<15:1>) bits
and the CRCCON (PLEN3:PLEN0) bits, respectively.
Consider the CRC equation:
x16 + x12 + x5 + 1
To program this polynomial into the CRC generator,
the CRC register bits should be set as shown in
Table 19-1.
TABLE 19-1:
EXAMPLE CRC SETUP
Note that for the value of X<15:1>, the 12th bit and the
5th bit are set to ‘1’, as required by the equation. The 0
bit required by the equation is always XORed. For a
16-bit polynomial, the 16th bit is also always assumed
to be XORed; therefore, the X<15:1> bits do not have
the 0 bit or the 16th bit.
The topology of a standard CRC generator is shown in
Figure 19-2.
FIGURE 19-1:
CRC SHIFTER DETAILS
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
”Section 30. Programmable Cyclic
Redundancy Check (CRC)” (DS39714).
Bit Name
Bit Value
PLEN3:PLEN0
1111
X<15:1>
000100000010000
IN
OUT
BIT 0
0
1
p_clk
X1
IN
OUT
BIT 1
0
1
p_clk
X2
IN
OUT
BIT 2
0
1
p_clk
X3
IN
OUT
BIT 15
0
1
p_clk
X15
XOR
DOUT
01
2
15
PLEN<3:0>
Hold
Hold
Hold
Hold
CRC Read Bus
CRC Write Bus
CRC Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com