Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 179Page - Microchip Technology PIC24FJ16GA Datasheet HTML 180Page - Microchip Technology PIC24FJ16GA Datasheet HTML 181Page - Microchip Technology PIC24FJ16GA Datasheet HTML 182Page - Microchip Technology PIC24FJ16GA Datasheet HTML 183Page - Microchip Technology PIC24FJ16GA Datasheet HTML 184Page - Microchip Technology PIC24FJ16GA Datasheet HTML 185Page - Microchip Technology PIC24FJ16GA Datasheet HTML 186Page - Microchip Technology PIC24FJ16GA Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 181
PIC24FJ64GA004 FAMILY
19.3
Registers
There are four registers used to control programmable
CRC operation:
• CRCCON
• CRCXOR
• CRCDAT
• CRCWDAT
REGISTER 19-1:
CRCCON: CRC CONTROL REGISTER
U-0
U-0
R/W-0
R-0
R-0
R-0
R-0
R-0
—
—
CSIDL
VWORD4
VWORD3
VWORD2
VWORD1
VWORD0
bit 15
bit 8
R-0
R-1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CRCFUL
CRCMPT
—
CRCGO
PLEN3
PLEN2
PLEN1
PLEN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
CSIDL: CRC Stop in Idle Mode bit
1 = Discontinue module operation when device enters Idle mode
0 = Continue module operation in Idle mode
bit 12-8
VWORD4:VWORD0: Pointer Value bits
Indicates the number of valid words in the FIFO. Has a maximum value of 8 when PLEN3:PLEN0 > 7,
or 16 when PLEN3:PLEN0
≤ 7.
bit 7
CRCFUL: FIFO Full bit
1 = FIFO is full
0 = FIFO is not full
bit 6
CRCMPT: FIFO Empty Bit
1 = FIFO is empty
0 = FIFO is not empty
bit 5
Unimplemented: Read as ‘0’
bit 4
CRCGO: Start CRC bit
1 = Start CRC serial shifter
0 = CRC serial shifter turned off
bit 3-0
PLEN3:PLEN0: Polynomial Length bits
Denotes the length of the polynomial to be generated minus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com