Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 161Page - Microchip Technology PIC24FJ64GA Datasheet HTML 162Page - Microchip Technology PIC24FJ64GA Datasheet HTML 163Page - Microchip Technology PIC24FJ64GA Datasheet HTML 164Page - Microchip Technology PIC24FJ64GA Datasheet HTML 165Page - Microchip Technology PIC24FJ64GA Datasheet HTML 166Page - Microchip Technology PIC24FJ64GA Datasheet HTML 167Page - Microchip Technology PIC24FJ64GA Datasheet HTML 168Page - Microchip Technology PIC24FJ64GA Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 163
PIC24FJ64GA004 FAMILY
REGISTER 17-3:
PMADDR: PARALLEL PORT ADDRESS REGISTER
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—CS1
—
—
—
ADDR<10:8>(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADDR<7:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14
CS1: Chip Select 1 bit
1 = Chip select 1 is active
0 = Chip select 1 is inactive
bit 13-11
Unimplemented: Read as ‘0’
bit 10-0
ADDR10:ADDR0: Parallel Port Destination Address bits(1)
Note 1:
PMA<10:2> are not available on 28-pin devices.
REGISTER 17-4:
PMAEN: PARALLEL PORT ENABLE REGISTER
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—PTEN14
—
—
—PTEN10(1)
PTEN9(1)
PTEN8(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTEN7(1)
PTEN6(1)
PTEN5(1)
PTEN4(1)
PTEN3(1)
PTEN2(1)
PTEN1
PTEN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14
PTEN14: PMCS1 Strobe Enable bit
1 = PMCS1 functions as chip select
0 = PMCS1 pin functions as port I/O
bit 13-11
Unimplemented: Read as ‘0’
bit 10-2
PTEN10:PTEN2: PMP Address Port Enable bits(1)
1 = PMA<10:2> function as PMP address lines
0 = PMA<10:2> function as port I/O
bit 1-0
PTEN1:PTEN0: PMALH/PMALL Strobe Enable bits
1 = PMA1 and PMA0 function as either PMA<1:0> or PMALH and PMALL
0 = PMA1 and PMA0 pads functions as port I/O
Note 1:
PMA<10:2> are not available on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com