Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 167Page - Microchip Technology PIC24FJ64GA Datasheet HTML 168Page - Microchip Technology PIC24FJ64GA Datasheet HTML 169Page - Microchip Technology PIC24FJ64GA Datasheet HTML 170Page - Microchip Technology PIC24FJ64GA Datasheet HTML 171Page - Microchip Technology PIC24FJ64GA Datasheet HTML 172Page - Microchip Technology PIC24FJ64GA Datasheet HTML 173Page - Microchip Technology PIC24FJ64GA Datasheet HTML 174Page - Microchip Technology PIC24FJ64GA Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 169
PIC24FJ64GA004 FAMILY
18.0 REAL-TIME CLOCK AND
CALENDAR (RTCC)
FIGURE 18-1:
RTCC BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
”Section 29. Real-Time Clock and
Calendar (RTCC)” (DS39696).
RTCC Prescalers
RTCC Timer
Comparator
Compare Registers
Repeat Counter
YEAR
MTHDY
WKDYHR
MINSEC
ALMTHDY
ALWDHR
ALMINSEC
with Masks
RTCC Interrupt Logic
RCFGCAL
ALCFGRPT
Alarm
Event
32.768 kHz Input
from SOSC Oscillator
0.5s
RTCC Clock Domain
Alarm Pulse
RTCC Interrupt
CPU Clock Domain
RTCVAL
ALRMVAL
RTCC Pin
RTCOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com