Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP510EM Datasheet(PDF) 4 Page - Exar Corporation

Part # SP510EM
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510EM Datasheet(HTML) 4 Page - Exar Corporation

  SP510EM Datasheet HTML 1Page - Exar Corporation SP510EM Datasheet HTML 2Page - Exar Corporation SP510EM Datasheet HTML 3Page - Exar Corporation SP510EM Datasheet HTML 4Page - Exar Corporation SP510EM Datasheet HTML 5Page - Exar Corporation SP510EM Datasheet HTML 6Page - Exar Corporation SP510EM Datasheet HTML 7Page - Exar Corporation SP510EM Datasheet HTML 8Page - Exar Corporation SP510EM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
SP510
4
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
REV. 1.0.0
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP
MAX
UNIT
V.10 / RS-423 DRIVERS
Open Circuit Voltage
VOC
Fig.10
±4.0
±6.0
V
Test Terminated Voltage
VT
Fig. 11
0.9 VOC
V
Short Circuit Current
ISC
Fig. 12
±150
mA
Power-Off Current
Fig. 13
±100
µA
V.10 / RS-423 RECEIVERS
Input Current
IIA
Fig. 15 and 16
-3.25
+3.25
mA
Input Impedance
4
15
k
Ω
Sensitivity
±0.2
V
V.11 / RS-422 DRIVERS
Open Circuit Voltage
VOC,VOCA,
VOCB
Fig. 17
±6.0
V
Test Terminated Voltage
VT
Fig. 18
±2.0
V
Balance
∆VT
Fig. 18
±0.4
V
Driver DC Offset
VOS
Fig. 18
+3.0
V
Offset Balance
∆VOS
Fig. 18
±0.4
V
Short Circuit Output Current
ISA, ISB
Fig. 19
±150
mA
Power-Off Current
Fig. 20
±100
µA
V.11 / RS-422 RECEIVERS
Receiver Input Range
VCM
-7
+7
V
Input Current
IIA, IIB
Fig. 21 and 23
±3.25
mV
Input Current with Termination
IIA, IIB
Fig. 24 and 25
±60.75
mA
Receiver Input Impedance
RIN
-10V
≤ VCM ≤ +10V
4
15
k
Ω
Receiver Sensitivity
VTH
±200
mV
Receiver Input Hysteresis
∆VTH
VCM = 0 V
15
mV
V.35 DRIVERS (ALL VALUES MEASURE WITH TERM_OFF = ’0’)
Test Terminated Voltage
VT
Fig. 26
±0.44
±0.66
V
Offset
VOS
Fig. 26
±0.6
V
Output Overshoot
Fig. 26, VST = Steady State
Voltage
-0.2VST
+0.2VST
V
Source Impedance
Fig. 29, ZS = V2 / V1 x 50Ω
50
150
Ω
DC ELECTRICAL CHARACTERISTICS
Vcc = +4.75V to +5.25V, C1-C4 = 1µF. TAMB = TMIN to TMAX, unless otherwise noted. Typical values are at TAMB = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com